Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KUS-DB-R

  • AI
    The **KUS-DB-R** typically refers to a specific series of **Digital Dashboard Gauges** or **Control Boxes** manufactured by KUS (a leading supplier of marine and vehicle instrumentation). These components are designed to integrate analog and digital sensor data for monitoring engine health and vessel status. ### 1. Core Electronic Architecture The electronic system of a KUS-DB-R unit usually consists of the following internal subsystems: | Component | Function | | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes incoming analog signals and converts them to digital data. | | **Analog-to-Digital Converter (ADC)** | Translates resistance or voltage from sensors (fuel, oil, temp) into binary data. | | **CAN-Bus Transceiver** | Facilitates communication via **NMEA 2000** or J1939 protocols to sync with other displays. | | **LED Driver Circuitry** | Controls the backlighting and indicator lamps (warnings for low oil, high temp, etc.). | --- ### 2. Key Electronic Interfaces The KUS-DB-R serves as a hub for various electronic inputs: #### A. Resistive Inputs Standard sensors operate on a variable resistance scale. The electronic board is programmed to recognize: * **European Standard:** 0-190 ohms * **American Standard:** 240-33 ohms #### B. Voltage Inputs The device is generally compatible with **12V or 24V DC** electrical systems, featuring internal voltage regulators to protect sensitive components from spikes (surges). #### C. Communication Protocols Most modern R-series units utilize **NMEA 2000 (N2K)**. This allows the electronic parts to "plug and play" with GPS units, fishfinders, and multi-function displays (MFDs) from other brands like Garmin or Simrad. --- ### 3. Display Technology The "Digital" aspect of the DB-R series usually involves one of two electronic display types: 1. **LCD Segment Display:** Used for hour meters and numerical readouts. It requires a specialized driver chip to maintain visibility under direct sunlight. 2. **TFT/OLED:** High-end versions may feature a small color screen for multi-gauge virtualization. --- ### 4. Environmental Protection (Electronic Sealing) Because these are often used in marine environments, the electronic parts are protected by: * **Conformal Coating:** A thin chemical film applied to the PCB to prevent corrosion from salt air and moisture. * **IP67 Rating:** The housing is electronically sealed to prevent water ingress from the front and rear. --- ### 5. Wiring Pinout (General Example) *Typical electronic connections found on the back of a KUS digital unit:* ```json { "Red": "Battery (+12/24V)", "Black": "Ground (GND)", "Orange/Yellow": "Backlight Control", "Blue": "Sensor Signal (Input)", "White/Black": "NMEA 2000 / CAN High-Low" } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NMEA 2000 and J1939 versions of KUS gauges?
    • ⤷ How do I calibrate the resistance range for a KUS fuel sender?
    • ⤷ Can the KUS-DB-R handle dual-station engine monitoring?