Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KUS-E2-R

  • AI
    The **KUS-E2-R** is an electronic module primarily used as a **Communication Expansion Module** (specifically for USB 2.0 extension or conversion) often found in industrial automation, elevator control systems, or specialized electronic equipment. Below is a detailed breakdown of its electronic components, functions, and technical specifications. --- ## 1. Core Functions The KUS-E2-R serves as an interface bridge. Its primary role is to ensure signal integrity over distances or to adapt specific communication protocols for a main controller. | Feature | Description | | :--- | :--- | | **Interface Type** | USB 2.0 (High Speed) | | **Mounting** | Typically DIN-rail or PCB mount depending on the housing | | **Indication** | LED status indicators (Power, Data Link, Activity) | | **Protection** | Built-in ESD (Electrostatic Discharge) protection | --- ## 2. Key Electronic Components Internally, the module consists of several critical stages that manage power and data flow: ### A. Communication Controller (IC) * **The Brain:** Usually features a specialized USB-to-Serial or USB Hub controller chip. * **Function:** Manages the handshaking between the peripheral device and the host computer/PLC. ### B. Signal Isolation & Protection * **Optocouplers/Digital Isolators:** These prevent high-voltage spikes from the industrial environment from damaging the sensitive USB host (e.g., a PC). * **TVS Diodes:** Transient Voltage Suppressors are used on the data lines to clamp over-voltage events. ### C. Power Management * **DC-DC Converter:** Converts the input voltage (often 12V or 24V DC) down to the 5V required by the USB standard. * **Filtering:** Large electrolytic and ceramic capacitors are used to smooth out electrical noise common in industrial settings. --- ## 3. Technical Specifications Table | Parameter | Value (Standard Config) | | :--- | :--- | | **Input Voltage** | 5V DC (via USB) or 12-24V DC (External) | | **Data Rate** | Up to 480 Mbps (USB 2.0) | | **Connector A** | USB Type-B or Terminal Blocks | | **Connector B** | USB Type-A or RJ45 (depending on model variant) | | **Operating Temp** | -20°C to +70°C | --- ## 4. Pinout and Connection Logic The module generally follows the standard USB wiring but may include additional terminals for industrial wiring: 1. **VCC (+5V):** Power supply for the bus. 2. **D- / D+:** Differential data pair for high-speed communication. 3. **GND:** Common ground reference. 4. **Shield:** Connected to the metal casing to reduce EMI (Electromagnetic Interference).
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the KUS-E2-R in an industrial panel?
    • ⤷ Does the KUS-E2-R require specific software drivers for Windows or Linux?
    • ⤷ What is the maximum distance the KUS-E2-R can extend a USB signal?