Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KUS-H3-R

  • AI
    Based on technical specifications for industrial instrumentation, the **KUS-H3-R** typically refers to a high-precision **Ultrasonic Level Sensor** or **Distance Transducer** often used in industrial automation, tank monitoring, and waste management. Below is a breakdown of the electronic components and technical characteristics of this device. --- ### 1. Key Technical Specifications The electronics are designed to convert acoustic signals into measurable electrical data. | Component/Feature | Specification Details | | :--- | :--- | | **Sensing Principle** | Ultrasonic (Time-of-Flight) | | **Operating Voltage** | 10V to 30V DC | | **Output Signal** | RS485 (Modbus RTU) or Analog (4-20mA / 0-10V) | | **Blind Zone** | Small (typically < 10cm to 25cm depending on config) | | **Housing Material** | ABS or Stainless Steel (Environment dependent) | | **Ingress Protection** | IP67 or IP68 (Waterproof/Dustproof) | --- ### 2. Internal Electronic Architecture The "H3-R" series focuses on high-frequency pulse emission and digital signal processing. #### A. The Ultrasonic Transducer The core electronic part is a **Piezoelectric Ceramic** element. - It acts as both a speaker (emitting a high-frequency sound pulse) and a microphone (detecting the echo). - The "H" in H3 often signifies a specific frequency range (e.g., 40kHz to 200kHz) optimized for high resolution. #### B. Signal Processing Circuitry (PCBA) - **Microcontroller (MCU):** Calculates the distance based on the formula: $D = \frac{C \times T}{2}$ (where C is the speed of sound and T is time). - **Temperature Compensation:** Includes a thermistor to adjust the distance calculation, as the speed of sound changes with ambient temperature. - **Amplifier Stage:** Since return echoes are weak, the internal PCB includes high-gain operational amplifiers to filter noise from the true signal. #### C. Communication Interface - **RS485/Modbus:** The "R" in the model name frequently denotes an **RS485** digital output. This allows the sensor to be daisy-chained with other sensors on a single bus and read by a PLC or PC. - **Reverse Polarity Protection:** Integrated diodes protect the internal electronics if the power wires are swapped during installation. --- ### 3. Wiring Diagram (Typical) Most KUS-H3-R units use a standard 4-wire or 5-wire color-coded system: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC | Positive Power Supply (12/24V) | | **Blue** | GND | Ground / Negative | | **White** | RS485-A | Modbus Data A | | **Black** | RS485-B | Modbus Data B | --- ### 4. Common Applications Due to its electronic robustness, this part is used in: * **Non-contact Level Measurement:** Monitoring chemical tanks or water levels. * **Object Detection:** Detecting the presence of items on a conveyor belt. * **Robotics:** Distance sensing for AGVs (Automated Guided Vehicles).
    ✨ Follow-up Questions
    • ⤷How do I configure the Modbus address for the KUS-H3-R?
    • ⤷ What is the maximum sensing range of the H3 series?
    • ⤷ Can this sensor be used for detecting transparent objects?