Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KV-R

  • AI
    The **KV-R** series typically refers to the high-performance communication and connector solutions used within the Keyence KV Series PLC (Programmable Logic Controller) ecosystem. Specifically, it relates to the **KV-7000/8000** series modules or the **KV-R1A/R10/R20** industrial router and networking components. Below is an overview of the electronic components and technical specifications associated with the KV-R networking parts. --- ## 1. Core Hardware Components The KV-R series (specifically industrial routers like the KV-R1A) consists of several critical electronic layers designed for high-speed industrial automation. | Component | Description | | :--- | :--- | | **ASIC Processor** | Custom-designed silicon by Keyence to handle high-speed cyclic communication (EtherNet/IP) without CPU jitter. | | **Isolation Transformers** | Integrated into the RJ45 ports to protect internal circuitry from high-voltage surges and EMI common in factory floors. | | **Buffer Memory** | High-speed internal RAM used for temporary storage of data packets during heavy network traffic to prevent packet loss. | | **Status LEDs** | Surface-mount LEDs indicating Link/Activity, Module Status (MS), and Network Status (NS). | --- ## 2. Technical Specifications Keyence KV-R modules are engineered for "Real-time" performance, distinguishing them from standard consumer-grade networking hardware. ### Network Interface * **Physical Ports:** Usually 2 to 4 RJ45 ports. * **Protocols:** EtherNet/IP, PROFINET, Modbus/TCP, and EtherCAT (depending on the specific module). * **Switching:** Integrated managed switch functionality allowing for **Linear** or **Ring** topologies (DLR - Device Level Ring). ### Power and Environment * **Input Voltage:** 24V DC (standard industrial power). * **Internal Protection:** Reverse polarity protection and overcurrent protection via internal resettable fuses. * **Heat Dissipation:** Fanless design using high-efficiency heatsinks to operate in ambient temperatures up to 50-55°C. --- ## 3. Communication Capabilities The "R" in KV-R often signifies **Remote** or **Router** capabilities. These electronic parts facilitate the following: 1. **VPN Support:** Built-in hardware encryption for secure remote maintenance (Remote Desktop/PLC Programming). 2. **Firewalling:** Layer 3 electronic filtering to separate the Office IT network from the Factory OT network. 3. **Cyclic vs. Message Communication:** The hardware is optimized to prioritize cyclic data (I/O control) over non-critical message data (data logging). --- ## 4. Example Module Comparison | Feature | KV-R1A (Industrial Router) | KV-XET1 (Ethernet Unit) | | :--- | :--- | :--- | | **Function** | Network bridge & Security | High-speed I/O Data Link | | **Electronic Isolation** | 1500V AC (1 minute) | 1500V AC (1 minute) | | **Max Nodes** | Up to 256 | Up to 128 | | **Mounting** | DIN Rail | PLC Backplane / DIN Rail |
    ✨ Follow-up Questions
    • ⤷ What are the wiring requirements for the 24V DC power supply on a KV-R module?
    • ⤷ How does the KV-R series handle Device Level Ring (DLR) topology?
    • ⤷ Can the KV-R1A act as a firewall between an ISP and a PLC network?