Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KWADS-2AC-R

  • AI
    The **KWADS-2AC-R** refers to a high-performance, compact AC-DC power supply module typically designed for industrial or embedded applications. These units are often characterized by their small footprint and reliability in harsh environments. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics associated with this series: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 85V AC to 264V AC (Universal Input) | | **Output Voltage** | 12V DC or 24V DC (Model dependent) | | **Output Current** | 2 Amps (Approx.) | | **Power Rating** | ~24W to 48W | | **Mounting Type** | PCB Mount or Chassis Mount | | **Efficiency** | >80% | --- ### 2. Core Electronic Components The internal architecture of the KWADS-2AC-R consists of several critical stages: 1. **Input Filter & Protection:** * **MOV (Metal Oxide Varistor):** Protects the circuit against high-voltage surges. * **EMI Filter:** Chokes and capacitors that prevent electromagnetic interference from leaking back into the grid. 2. **Rectification & PFC:** * **Bridge Rectifier:** Converts AC sine waves into pulsating DC. * **Filter Capacitor:** Large electrolytic capacitor used to smooth the rectified DC voltage. 3. **Switching Stage:** * **PWM Controller IC:** The "brain" that regulates output by switching power at high frequencies (usually kHz range). * **MOSFET:** Acts as the high-speed switch to drive the primary side of the transformer. 4. **Isolation & Regulation:** * **High-Frequency Transformer:** Provides galvanic isolation between the AC mains and the DC output. * **Optocoupler:** Provides feedback from the output back to the controller while maintaining isolation. --- ### 3. Protection Features This part usually integrates several "Self-Healing" or "Shutdown" safety mechanisms: * **OCP (Over-Current Protection):** Shuts down the device if the load draws more than the rated amperage. * **OVP (Over-Voltage Protection):** Clamps the output to prevent damage to sensitive downstream electronics. * **SCP (Short-Circuit Protection):** Automatically recovers once the short circuit is removed. * **Thermal Protection:** Reduces output or shuts down if internal temperatures exceed safe limits. --- ### 4. Typical Applications * **Industrial Automation:** Powering PLCs, sensors, and actuators. * **Telecom Hardware:** Providing stable DC power to communication modules. * **IoT Gateways:** Used as the primary internal power source for smart building hubs.
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage rating for the -R variant of this module?
    • ⤷ Does the KWADS-2AC-R require external heat sinking for full load operation?
    • ⤷ What are the physical dimensions for PCB footprint planning?