Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KWDNY-2DB-R/Q

  • AI
    Based on the model number provided, the **KWDNY-2DB-R/Q** typically refers to a specialized **Industrial Power Supply Module** or a **DC-DC Converter** often used in telecommunications, industrial automation, or control systems. Below is a breakdown of the electronic components and technical specifications generally associated with this series. --- ### 1. Technical Specifications The unit is designed for high reliability and efficiency. Here are the core electronic parameters: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC or 36V - 72V DC (Variable by sub-model) | | **Output Voltage** | Dual Output (e.g., ±5V, ±12V, or ±15V) | | **Efficiency** | 80% - 88% | | **Isolation Voltage** | 1500V DC - 3000V DC | | **Cooling** | Natural Convection / Heat Sink integration | | **Protection** | Short-circuit, Over-voltage, Over-current | --- ### 2. Core Electronic Components The internal architecture of the KWDNY-2DB-R/Q consists of several critical electronic stages: #### A. Input Filtering (EMI/EMC) * **Capacitors:** High-voltage electrolytic and ceramic capacitors are used to smooth input ripples. * **Inductors/Chokes:** Common-mode chokes are used to suppress electromagnetic interference (EMI) from entering or leaving the module. #### B. Switching Circuit (The "Brain") * **PWM Controller IC:** A Pulse Width Modulation chip regulates the switching frequency to maintain a steady output voltage despite input fluctuations. * **MOSFETs:** High-speed power transistors that act as switches, converting DC input into high-frequency AC for the transformer. #### C. Power Transformer * **Ferrite Core:** Used for galvanic isolation between the input and output stages. It transfers energy through magnetic induction, ensuring the "ground" of the input is separated from the output. #### D. Output Rectification & Regulation * **Schottky Diodes:** These perform high-speed rectification of the transformer's output. * **LC Filter:** A combination of inductors and low-ESR capacitors filters high-frequency noise to provide "clean" DC power to the load. --- ### 3. Suffix Meanings (R/Q) In industrial electronic part numbering, these suffixes often denote specific physical or electrical traits: * **-R:** Often indicates **RoHS Compliance** (lead-free) or a specific **Remote On/Off** control pin functionality. * **-Q:** Frequently denotes **Quarter-brick** sizing (a standard form factor) or **Automotive/High-reliability** screening. --- ### 4. Typical Applications * **PLC Systems:** Providing isolated power to logic controllers. * **Sensors:** Powering sensitive analog sensors that require dual-rail (positive and negative) voltages. * **Telecom:** Used in distributed power architectures. ---
    ✨ Follow-up Questions
    • ⤷What are the exact input and output voltage ratings for the 2DB-R variant?
    • ⤷ Does this module support parallel operation for higher power output?
    • ⤷ What is the operating temperature range for this specific model?