KWDY-CE-R
AI

The **KWDY-CE-R** refers to a specific series of high-quality **Miniature Reed Relays** manufactured by **KWD (KWD Relays)**. These components are primarily used in high-precision measurement, telecommunications, and industrial control systems due to their small footprint and high reliability.
---
### 1. Component Overview
A Reed Relay consists of a reed switch (two thin metal blades in a glass tube) surrounded by an electromagnetic copper coil. When current flows through the coil, it creates a magnetic field that closes the reed switch contacts.
| Feature | Specification Details |
| :--- | :--- |
| **Package Type** | DIL (Dual-In-Line) or SIL (Single-In-Line) |
| **Contact Form** | Usually 1 Form A (SPST-NO) |
| **Coil Voltage** | Typically 5V, 12V, or 24V DC |
| **Switching Speed** | Very High (< 1ms) |
| **Contact Material** | Rhodium or Ruthenium (for long life) |
---
### 2. Key Electronic Characteristics
The "CE-R" designation often implies specific compliance and build standards (such as RoHS compliance or specific resistance ratings).
* **Isolation Resistance:** These relays offer extremely high isolation between the coil and the contacts (often $> 10^{10} \Omega$), making them ideal for sensitive signal switching.
* **Low Contact Resistance:** Designed to maintain low and stable resistance over millions of operations.
* **Protection:** Most KWDY units are **Hermetically Sealed**, protecting the internal contacts from oxidation, dust, and moisture.
* **Integrated Diode (Optional):** Many models in this series include an internal "Flyback Diode" connected across the coil to protect driving circuitry from voltage spikes when the relay de-energizes.
---
### 3. Pinout and Internal Structure
While specific datasheets should be consulted for the exact footprint, the standard DIL configuration typically follows this logic:
```text
Top View (Typical 14-pin DIL Layout)
+-----------------------+
| 1 2 3 4 5 6 7 | <-- Pin 1 & 14: Contact 1
| | <-- Pin 2 & 6: Coil (Example)
| 14 13 12 11 10 9 8 |
+-----------------------+
```
---
### 4. Common Applications
* **ATE (Automatic Test Equipment):** Switching signals in semiconductor testing.
* **Medical Electronics:** Used in diagnostic equipment where high isolation is required.
* **Security Systems:** Low power consumption and high reliability for sensor loops.
* **Instrumentation:** Signal routing in oscilloscopes and multimeters.
- ⤷
What is the specific coil voltage for your version of the KWDY-CE-R?
- ⤷ Do you need a wiring diagram for the DIL vs. SIL package types?
- ⤷ Are you looking for an equivalent replacement from a different manufacturer like Magnecraft or Standex?