Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KWMS-AF-R/Q

  • AI
    The **KWMS-AF-R/Q** series typically refers to industrial-grade wireless control modules or smart switches, often used in automation and lighting systems. Below is an explanation of the electronic components and technical specifications associated with these types of modules. ### 1. Key Electronic Components | Component Type | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic Processing | The "brain" of the device that handles signal decoding and command execution. | | **RF Transceiver** | Wireless Communication | Operates on specific frequencies (usually 433MHz or Zigbee/Wi-Fi) to receive remote signals. | | **Relay Module** | Physical Switching | An electromechanical switch that opens or closes the high-voltage circuit. | | **AC-DC Converter** | Power Supply | Converts input mains voltage (110V/220V) to low voltage DC (3.3V/5V) for the internal chips. | | **Antenna** | Signal Reception | Integrated PCB trace antenna or external wire for range optimization. | --- ### 2. Technical Specifications The suffix **R/Q** usually denotes specific variations in functionality (e.g., Receiver vs. Quick-Response or specific RF protocols). * **Input Voltage:** 100V - 240V AC (50/60Hz) * **Max Load:** Typically 10A or 16A depending on the relay rating. * **Modulation Type:** ASK/OOK (for standard RF) or FSK. * **Operating Temperature:** -20°C to +55°C. * **Safety Features:** Overload protection and flame-retardant ABS housing. --- ### 3. Connection Diagram Logic Most modules in this series follow a standard 4-terminal wiring layout: ```text [ L IN ] ---- (Phase/Live Input) [ N IN ] ---- (Neutral Input) [ L OUT] ---- (Switched Live to Load/Light) [ N OUT] ---- (Neutral to Load) ``` --- ### 4. Typical Applications 1. **Industrial Automation:** Remote triggering of motors or heavy-duty contactors. 2. **Smart Lighting:** Converting standard manual switches into wireless-controlled nodes. 3. **Gate/Door Control:** Using the relay as a dry contact pulse to trigger motor controllers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wireless range for the KWMS-AF-R/Q series?
    • ⤷ How do I pair a new remote transmitter with this specific module?
    • ⤷ Does this model support Zigbee or only standard 433MHz RF?