Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KWMS2-5WF-R

  • AI
    The **KWMS2-5WF-R** is a high-performance **Surface Mount (SMD) Power Resistor**, typically categorized as a wirewound or metal film precision resistor designed for high-current sensing and power management applications. ### 1. Key Technical Specifications The part number breakdown generally indicates the following parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Power Rating** | 5 Watts | Maximum power dissipation at $70^\circ\text{C}$ | | **Mounting Type** | SMD / SMT | Surface mount design for automated PCB assembly | | **Resistance Type** | Wirewound / Metal Element | High stability and surge handling capability | | **Tolerance** | $\pm 1\%$ to $\pm 5\%$ | Common precision levels for the "WF" series | | **Operating Temp** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | Standard industrial temperature range | --- ### 2. Physical and Material Composition The KWMS series is engineered to handle thermal stress effectively. * **Core Material:** Usually a ceramic or high-thermal conductivity substrate. * **Encapsulation:** Molded flame-retardant epoxy or silicone coating to protect against environmental factors. * **Terminations:** Matte Tin (Sn) over Nickel (Ni) barriers to prevent leaching during soldering. --- ### 3. Applications and Usage Due to its 5W power rating and SMD form factor, it is commonly found in: 1. **Power Supplies:** Used as a shunt resistor for current sensing in DC-DC converters. 2. **Motor Controllers:** Managing high-surge currents during motor startup. 3. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV or industrial battery packs. 4. **Inverters:** Grid-tie or off-grid power inversion circuits. --- ### 4. Layout Recommendations (Footprint) Because this is a 5W part, heat dissipation is critical. When designing the PCB: * **Thermal Relief:** Use large copper pads to act as heat sinks. * **Vias:** Incorporate thermal vias to transfer heat to internal ground/power planes. * **Spacing:** Ensure adequate clearance from heat-sensitive components like electrolytic capacitors or microcontrollers.
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions of the KWMS2-5WF-R footprint?
    • ⤷ What is the typical Temperature Coefficient of Resistance (TCR) for this part?
    • ⤷ Can this resistor be used in pulse-loading applications?