Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KWMS2-FZ-R

  • AI
    Based on the technical nomenclature typically associated with industrial automation and sensing components, the **KWMS2-FZ-R** appears to be a specialized **magnetic scale / linear encoder system component**, often used in precision CNC machinery or medical equipment. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The KWMS2 series generally refers to a **magnetic sensor head** designed to read a flexible magnetic tape. It translates linear movement into electronic pulses (incremental signals). ### 2. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Non-contact Magnetic Incremental | | **Input Voltage** | 5V DC or 10V–30V DC (Model dependent) | | **Output Signal** | TTL (RS422 Line Driver) / Push-Pull | | **Resolution** | 1μm, 5μm, or 10μm | | **Operating Gap** | 0.1mm to 2.0mm (Distance from tape) | | **Connector Type** | Usually M12 or D-Sub 9-pin | | **Protection Class** | IP67 (Dust and liquid resistant) | --- ### 3. Key Electronic Components & Functions #### A. The Magnetoresistive (MR) Sensor Head The "FZ" in the part number often denotes a specific **Reference Signal (Z-pulse)** configuration. * **A and B Channels:** Two square wave signals phase-shifted by 90°. This allows the controller to determine both distance and direction. * **Z Channel:** A single index pulse used to define a "Home" or reference position. #### B. Signal Processing Circuitry Inside the sensor head, there is an integrated circuit (ASIC) that: 1. **Filters Noise:** Cleans up electromagnetic interference (EMI) from nearby motors. 2. **Interpolates:** Increases the resolution of the raw magnetic sine/cosine waves into usable digital pulses. 3. **Line Driving:** The "R" in the suffix often indicates **Line Driver** output, which allows the signal to travel long distances (up to 100 meters) without significant signal degradation. #### C. Connectivity & Wiring The electronic interface usually follows a standard color-coding for incremental encoders: * **Red:** VCC (Power) * **Black:** GND (0V) * **Green/Yellow:** A / A-inverted * **White/Blue:** B / B-inverted * **Orange/Brown:** Z / Z-inverted --- ### 4. Application Context Because it uses magnetic technology rather than optical, the KWMS2-FZ-R is electronics-hardened for: * **Oil and Coolant Exposure:** The electronic sensor is fully encapsulated. * **Vibration Resistance:** No glass scales to shatter. * **High Speed:** Electronic tracking speeds can reach up to 25 m/s. ---
    ✨ Follow-up Questions
    • ⤷What is the exact resolution of the KWMS2-FZ-R model?
    • ⤷ How does the 'FZ' reference pulse differ from standard magnetic sensors?
    • ⤷ What are the mounting tolerances for this specific sensor head?