Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KWN-R-1

  • AI
    The **KWN-R-1** is a specific model of a **Class R Time-Delay Fuse**, typically manufactured by brands like Eaton (Bussmann) or Littelfuse. It is designed for low-voltage electrical protection. ### 1. Key Technical Specifications The "1" in the part number indicates the current rating. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Fuse Type** | Class RK1 (Current Limiting) | | **Current Rating** | 1 Ampere | | **Voltage Rating** | 250V AC (Standard) | | **Interrupting Rating** | 200,000A RMS Symmetrical | | **Time Response** | Time-Delay (Dual-Element) | | **Physical Size** | 9/16" x 2" (Standard Ferrule) | --- ### 2. Internal Electronic Components & Design While a fuse is technically a passive component, the "Time-Delay" (Dual-Element) nature of the KWN-R-1 involves a sophisticated internal construction: 1. **Thermal Element (Solder Joint):** This part handles overloads. It consists of a spring-loaded trigger mechanism held by a specific solder alloy. If a sustained current slightly above 1A occurs, the heat melts the solder, and the spring pulls the circuit open. 2. **Short-Circuit Element (Notched Ribbon):** This is typically made of high-conductivity copper or silver. In the event of a massive surge (short circuit), these notches vaporize instantly to clear the fault. 3. **Arc Quenching Material:** The body is filled with high-purity silica sand. When the fuse blows, the sand turns into glass (fulgurite), which absorbs the energy and extinguishes the electrical arc. --- ### 3. Functional Features * **Current Limiting:** The "RK1" designation means it is highly current-limiting. It reacts so fast during a short circuit that it stops the current before it reaches its full destructive peak. * **Rejection Feature:** The "R" in the name indicates it has a specific physical notch in the end cap. This prevents someone from accidentally replacing it with a lower-rated, non-current-limiting fuse (like a Class H fuse). * **Time-Delay:** It allows for temporary "inrush" currents (like a motor starting up) without blowing, provided the surge is brief. ### 4. Typical Applications * **Motor Branch Circuits:** Protecting small motors where startup current exceeds 1A. * **Control Transformers:** Protecting the primary or secondary side of small power transformers. * **Panelboards:** Used in safety switches and fused disconnects for industrial machinery. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between KWN-R (250V) and KWS-R (600V) fuses?
    • ⤷ Can a Class RK5 fuse be used as a substitute for a KWN-R-1 (RK1)?
    • ⤷ How do I test if a KWN-R-1 fuse is blown using a multimeter?