Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KWS-R-20

  • AI
    The **KWS-R-20** is a specialized industrial fuse, specifically part of the **POWR-GARD® KWS-R series** manufactured by Littelfuse. It is a Class RK1, current-limiting, fast-acting fuse designed to protect electrical components from overcurrents and short circuits. --- ## Technical Specifications The "20" in the model name indicates its current rating. Below are the primary electronic characteristics: | Property | Value / Specification | | :--- | :--- | | **Current Rating** | 20 Amperes | | **Voltage Rating (AC)** | 600 VAC | | **Voltage Rating (DC)** | 250 VDC | | **Interrupting Rating** | 200,000 A (RMS Symmetrical) | | **Class** | RK1 | | **Body Material** | Melamine (Glass Reinforced) | | **Termination Style** | Cartridge (Ferrule) | --- ## Key Electronic Components & Features ### 1. Current Limiting Element The KWS-R-20 contains a silver-plated copper or zinc alloy element. Because it is a **Class RK1** fuse, it is highly current-limiting. This means that in the event of a massive short circuit, the fuse reacts so quickly that it prevents the peak current from ever reaching its full potential, protecting downstream electronics from electromagnetic stress. ### 2. Fast-Acting Mechanism Unlike "Time-Delay" fuses (which allow for brief motor startup surges), the KWS-R-20 is **Fast-Acting**. It is designed to open almost instantly when the current exceeds the 20A threshold significantly. This is critical for protecting sensitive resistive loads. ### 3. High Interrupting Rating (AIC) The fuse can safely handle up to **200,000 Amps** of fault current without exploding or rupturing. This is essential for main service entrance panels or industrial control centers where the potential fault energy is extremely high. --- ## Common Applications * **HVAC Systems:** Used in air conditioning and heating units to protect compressors. * **Resistive Loads:** Ideal for electric heaters or lighting circuits where there are no high-inrush currents. * **Branch Circuit Protection:** Used in industrial panels to isolate specific segments of a machine. * **Control Transformers:** Protecting the primary side of transformers. --- ## Comparison: RK1 vs. RK5 It is important to note that while RK1 and RK5 fuses are physically interchangeable (they fit the same holders), the **RK1 (KWS-R)** provides superior protection: * **RK1 (KWS-R):** Better current limitation; lower peak let-through current. * **RK5 (FLNR/FLSR):** Higher let-through; usually used for motor circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a KWS-R-20 and a time-delay fuse of the same rating?
    • ⤷ Can a KWS-R-20 be used in a DC circuit higher than 250V?
    • ⤷ What are the recommended fuse holders for a Class RK1 20A fuse?