Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KWSBS-3AB-R

  • AI
    The **KWSBS-3AB-R** is a high-performance, ultra-low resistance current sense shunt resistor, typically used in automotive and industrial power electronics. It belongs to the Shunt Resistor family designed for high-precision current monitoring. --- ### ## Technical Specifications Below are the primary electronic characteristics of the KWSBS-3AB-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Shunt Resistor (Current Sense) | | **Resistance Value** | Typically 100 µΩ to 500 µΩ (Commonly 0.1 mΩ) | | **Tolerance** | ±1% or ±5% | | **Power Rating** | Up to 36W (Depending on heat dissipation) | | **Temperature Coefficient (TCR)** | < 50 ppm/K | | **Operating Temperature** | -40°C to +170°C | | **Material** | Manganin or NiCr (Electron-beam welded) | --- ### ### Key Electronic Features 1. **Electron-Beam Welding:** The part is manufactured using electron-beam welding technology to join copper terminals with a resistive alloy (like Manganin). This ensures a stable connection with minimal thermoelectric voltage. 2. **Low Inductance:** The physical structure is designed to minimize parasitic inductance, which is critical for high-frequency switching applications and accurate transient measurements. 3. **High Pulse Load Capacity:** The heavy-duty metal construction allows it to withstand high current surges (short circuits) without permanent damage or significant resistance drift. 4. **AEC-Q200 Compliance:** Parts in this series are usually automotive-grade, meaning they are tested for high vibration, thermal shock, and long-term reliability. --- ### ### Common Applications The KWSBS-3AB-R is integrated into systems where measuring large currents is necessary: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in EV batteries. * **Inverters:** Controlling motor phase currents in electric drivetrains. * **Power Distribution Units (PDU):** Protection against overcurrent in industrial grids. * **DC/DC Converters:** High-efficiency voltage regulation in heavy machinery. --- ### ### Equivalent Circuits In a schematic, this part functions as a standard resistor but requires a **4-terminal (Kelvin) connection** layout on the PCB to ensure that the voltage drop measured across the resistor does not include the resistance of the traces or solder joints. ```text Current Flow (I) ----> [ Terminal A ] --- [ Resistive Element ] --- [ Terminal B ] ----> Output | | Sense Line (V+) Sense Line (V-) ```
    ✨ Follow-up Questions
    • ⤷What is the standard resistance value for the 3AB-R variant?
    • ⤷ How does Kelvin connection improve accuracy in this component?
    • ⤷ What are the recommended heat sinking methods for this shunt?