Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KWTS-2CB-R

  • AI
    The **KWTS-2CB-R** is a specific type of **rocker switch**, commonly used in consumer electronics and small household appliances. It is designed for simple "On/Off" or "On/Off/On" circuit control. --- ### 1. Key Technical Specifications Below are the typical electrical and mechanical characteristics for the KWTS series: | Feature | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Contact Configuration** | SPST (Single Pole Single Throw) or SPDT | | **Voltage Rating** | 125V / 250V AC | | **Current Rating** | 6A to 10A (Depending on specific load) | | **Insulation Resistance** | $\ge 100M\Omega$ | | **Contact Resistance** | $\le 50m\Omega$ | | **Dielectric Strength** | 1500V AC / 1 minute | | **Operating Life** | $\ge 10,000$ cycles | --- ### 2. Physical Design & Components The part number breakdown typically refers to the physical footprint and terminal style: * **Actuator:** The "rocker" part (often black or red) that the user presses. * **Housing:** Usually made of Polyamide (Nylon 66), which is heat-resistant and durable. * **Terminals:** Copper alloy, often silver-plated to ensure high conductivity and prevent oxidation. * **Mounting:** Snap-in design, allowing it to be pushed into a rectangular panel cutout without screws. --- ### 3. Connection Diagram (Standard SPST) Most switches in this series use two or three pins. Here is how they are typically wired: ```text [ Power Source ] ---- (Pin 1) [ Switch ] (Pin 2) ---- [ Load/Device ] ``` * **Pin 1:** Line In (Hot wire from power source). * **Pin 2:** Line Out (To the motor, light, or heater). * **Pin 3 (If present/Illuminated):** Neutral (To power the internal LED/Neon lamp). --- ### 4. Common Applications * **Small Appliances:** Toasters, coffee makers, and vacuum cleaners. * **Power Strips:** Used as the main reset or power toggle. * **Industrial Equipment:** Control panels for small machinery. * **DIY Electronics:** Power control for bench power supplies or enclosures.
    ✨ Follow-up Questions
    • ⤷ What is the exact panel cutout size required for the KWTS-2CB-R?
    • ⤷ Does this specific model include an internal illumination lamp?
    • ⤷ What is the maximum temperature rating for the housing material?