Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L-A44-R

  • AI
    Based on your request, the **L-A44-R** typically refers to a specific series of **LED indicator components** or signal lamps used in industrial control panels. Below is a breakdown of its technical specifications and electronic properties. --- ### 1. Technical Overview The L-A44-R is primarily a **Red LED Indicator Light**. These are designed to be mounted on control boards to signify power status, errors, or operational states. | Feature | Specification | | :--- | :--- | | **Component Type** | LED Indicator Lamp | | **Color** | Red (R) | | **Mounting Diameter** | Usually 22mm (Standard Industrial) | | **Lighting Source** | High-brightness LED | | **Body Material** | Flame-retardant Plastic / Metal housing | --- ### 2. Key Electronic Components Inside an L-A44-R assembly, several electronic parts work together to ensure the LED functions safely within industrial voltage ranges: * **LED Chip:** The light-emitting diode that produces the red light. It is chosen for low power consumption and long operational life (typically >50,000 hours). * **Current Limiting Resistor:** A surface-mount or axial resistor that prevents the LED from burning out by limiting the forward current. * **Protection Diode:** Often included to protect the circuit against reverse polarity (DC models) or to handle half-wave rectification (AC models). * **Terminals:** Screw-type or plug-in connectors (usually labeled X1 and X2) for wiring into the main circuit. --- ### 3. Electrical Characteristics Depending on the specific sub-model (e.g., 12V, 24V, 110V, or 220V), the electronic behavior varies: | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 12V DC, 24V AC/DC, or 220V AC | | **Operating Current** | $\le$ 20mA | | **Insulation Resistance** | $\ge$ 2MΩ | | **Frequency (AC)** | 50Hz - 60Hz | | **Brightness** | $\ge$ 100 $cd/m^2$ | --- ### 4. Circuit Diagram Representation In a schematic, the L-A44-R is represented as a standard lamp or LED symbol: ```text (X1) ----|>|----[ R ]---- (X2) LED Resistor ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the different voltage variants available for the L-A44 series?
    • ⤷ How does the L-A44-R compare to incandescent indicator lights in terms of power draw?
    • ⤷ What is the IP rating for the L-A44-R in industrial environments?