Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L00-R

  • AI
    The term **L00-R** typically refers to a specific classification of **Surface Mount Device (SMD) Power Inductors**, often associated with the **NR series** (e.g., NR3015, NR6045) produced by manufacturers like Taiyo Yuden or Bourns. Below is an explanation of the electronic properties and structural components of these parts. --- ### 1. Component Overview The L00-R series components are primarily used as **Power Inductors**. They are designed for DC-to-DC conversion and power management in compact electronics. | Feature | Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor | | **Material Core** | Ferrite or Metal Alloy | | **Shielding** | Semi-shielded (Resin-based) or Unshielded | | **Key Function** | Energy storage and noise filtering | | **Standard Sizes** | 3.0x3.0mm, 4.0x4.0mm, 6.0x6.0mm | --- ### 2. Physical Construction The "R" in the suffix often denotes the **Resin-shielded** construction or a specific **RoHS compliance** standard. 1. **Core:** A ferrite drum core that provides the magnetic flux path. 2. **Winding:** Copper wire wound around the core. The thickness of the wire determines the Rated Current ($I_{sat}$). 3. **Encapsulation:** A magnetic epoxy resin is applied to the periphery. This reduces electromagnetic interference (EMI) compared to unshielded inductors while remaining more cost-effective than fully shielded molded types. 4. **Terminals:** Solder-plated electrodes located at the bottom for surface mounting. --- ### 3. Electrical Characteristics When selecting or analyzing an L00-R part, four main parameters are critical: * **Inductance ($L$):** Measured in microhenries ($\mu H$). This determines the amount of energy the part can store. * **DC Resistance (DCR):** The internal resistance of the copper wire. Lower DCR leads to higher efficiency and less heat generation. * **Saturation Current ($I_{sat}$):** The current level at which the inductance drops (usually by 30%) due to magnetic saturation. * **Temperature Rise Current ($I_{rms}$):** The maximum current the device can handle before its temperature increases by a specific amount (usually $40^\circ C$). --- ### 4. Typical Applications These parts are commonly found in: * **Mobile Devices:** Smartphones and tablets for battery power management. * **Computing:** HDD/SSD drives and VRM modules. * **LED Drivers:** Controlling the current flow to LED arrays. * **Automotive:** Infotainment systems and sensor power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between shielded and semi-shielded inductors?
    • ⤷ How do I calculate the required inductance for a buck converter?
    • ⤷ What does the 'R' suffix specifically signify in Taiyo Yuden part numbers?