Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L0402PS-R3

  • AI
    The **L0402PS-R3** is a specialized surface-mount (SMD) electronic component, specifically a **High-Frequency Chip Inductor**. It is designed for use in RF (Radio Frequency) circuits where high precision and low loss are required. --- ### 1. Component Overview The part number can be broken down into its technical specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **L** | Component Type | Inductor | | **0402** | Package Size | 1.0mm x 0.5mm (EIA 0402) | | **PS** | Series Code | Typically denotes High-Q or Power-Saving characteristics | | **R3** | Value | 0.3 µH (Microhenries) or 300 nH | --- ### 2. Key Technical Specifications While exact specs vary slightly by manufacturer (such as Murata or Taiyo Yuden), the general parameters for a 0.3µH 0402 inductor are as follows: * **Inductance:** 300 nH (R3) * **Tolerance:** Usually ±5% or ±10% * **Package Size:** 0402 (Metric 1005) * **Construction:** Typically **Multilayer Ceramic** or **Wire-wound** (Multilayer is more common for this specific part numbering). * **Self-Resonant Frequency (SRF):** High SRF, allowing the part to maintain inductive properties at high frequencies (GHz range). * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. --- ### 3. Common Applications Due to its small footprint and high-frequency performance, the L0402PS-R3 is found in: 1. **Impedance Matching:** Used in antenna circuits to match the impedance of the transceiver to the antenna. 2. **Filtering:** Low-pass or band-pass filters in mobile phones and Wi-Fi modules. 3. **RF Decoupling:** Preventing high-frequency noise from entering power supply rails. 4. **Bluetooth/IoT Devices:** Compact electronics where PCB real estate is extremely limited. --- ### 4. Comparison Table: Package Sizes | Size Code (EIA) | Dimensions (mm) | Common Usage | | :--- | :--- | :--- | | **0201** | 0.6 x 0.3 | Ultra-compact (Smartphones) | | **0402** | **1.0 x 0.5** | **Standard High-Density PCB** | | **0603** | 1.6 x 0.8 | General Purpose | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound and a multilayer chip inductor?
    • ⤷ How do I calculate the self-resonant frequency for an inductor like this?
    • ⤷ Which manufacturers produce the L0402PS series specifically?