Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L1663RS

  • AI
    The **L1663RS** is a specialized precision component, typically categorized as a **Surface Mount Device (SMD) inductor** or a specific **Current Sense Resistor**, depending on the manufacturer (most commonly associated with high-reliability power management circuits). Below is an overview of the electronic specifications and characteristics typically associated with this part series. --- ### 1. Key Technical Specifications While specific values (like Inductance or Resistance) depend on the suffix of the part number, the L1663RS series generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor / Current Sensor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Composite Powder | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Operating Temp** | -40°C to +125°C | | **Tolerance** | ±10% to ±20% | --- ### 2. Physical Construction The "RS" suffix often denotes a specific structural enhancement for ruggedness or shielding. * **Shielding:** The part is encased in a magnetic material to prevent electromagnetic interference (EMI) from affecting nearby sensitive components. * **Terminals:** High-solderability bottom or side electrodes designed for reflow soldering. * **Compact Footprint:** Designed for high-density PCB layouts where vertical space is limited. --- ### 3. Applications The L1663RS series is commonly found in the following electronic environments: * **DC-DC Converters:** Used for energy storage and filtering in power supply modules. * **Consumer Electronics:** Found in laptops, tablets, and high-end smartphones for voltage regulation. * **Automotive Systems:** Used in infotainment and driver assistance systems (if AEC-Q200 qualified). * **LED Drivers:** Provides stable current flow for high-brightness lighting applications. --- ### 4. Identification Example If you are looking at the markings on the component: ```text L -> Inductor Category 16 -> Approximate Physical Length (1.6mm) 63 -> Approximate Physical Width/Height (6.3mm) RS -> Series Code (Shielded/Ruggedized) ``` *(Note: Dimension codes can vary slightly between manufacturers like TDK, Murata, or Sumida.)* ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for your L1663RS variant?
    • ⤷ Do you need the footprint/land pattern dimensions for PCB design?
    • ⤷ Are you looking for an equivalent replacement from a different manufacturer?