Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L16B06G-R24-R

  • AI
    The **L16B06G-R24-R** is a specific electronic component, typically categorized as a **Rotary Potentiometer with a Switch**, often used in audio equipment, industrial controls, and household appliances for volume or parameter adjustment. Below is the detailed breakdown of its electronic parts and specifications. --- ### 1. Component Overview This part is a 16mm snap-in style potentiometer. The alphanumeric code represents its physical dimensions, electrical characteristics, and taper. | Feature | Specification | | :--- | :--- | | **Type** | Rotary Potentiometer with SPST Switch | | **Size** | 16mm Diameter | | **Resistance Value** | Typically 10kΩ to 100kΩ (Depends on specific suffix) | | **Taper** | Linear (B) or Audio/Logarithmic (A) | | **Mounting** | PCB Mount (Snap-in) | | **Rotation Angle** | 300° ± 5° | --- ### 2. Key Internal Parts Anatomy of the L16B06G-R24-R: 1. **Resistive Element (Track):** A carbon composition or cermet track that provides the resistance. The "B" in the part number often indicates a **Linear Taper**, meaning the resistance change is proportional to the angle of rotation. 2. **Wiper (Contact):** A metal brush that moves along the resistive track to vary the voltage/resistance. 3. **Shaft (R24):** The "R24" usually refers to the shaft length (24mm) and type (often a knurled or "ribbed" shaft). 4. **Integrated Switch:** This model includes a built-in "Push" or "Turn" switch. It allows the device to be turned ON/OFF at the start of the rotation (CCW position). 5. **Terminals:** * **3 Signal Pins:** For the potentiometer (Input, Output/Wiper, Ground). * **2 Switch Pins:** Separate pins for the power switch circuit. 6. **Housing/Casing:** A metal or plastic enclosure that protects the internal elements and provides EMI shielding. --- ### 3. Part Number Decoder (Typical) While manufacturers vary slightly (such as Alpha or Noble), the nomenclature generally follows this logic: * **L16:** 16mm series size. * **B:** Resistance Taper (Linear). * **06G:** Specific bushing or bracket style for PCB mounting. * **R24:** Shaft Length (24mm from the mounting surface). * **R:** Rohs Compliant or specific packaging/orientation. --- ### 4. Technical Application | Application | Function | | :--- | :--- | | **Audio Equipment** | Volume control with an integrated power switch. | | **Lighting** | Dimmer switches for LED or Incandescent lamps. | | **Small Appliances** | Speed control for fans or temperature control for small heaters. | ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the potentiometer and switch sections?
    • ⤷ How do I distinguish between a Linear (B) and Logarithmic (A) taper in this series?
    • ⤷ What is the maximum voltage and current rating for the integrated switch?