Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L2-R12

  • AI
    The **L2-R12** typically refers to a specific model of a **Mini Smart Car Chassis** or a **Balance Car Kit** often used in robotics education (such as those by Yahboom or similar DIY electronics manufacturers). Below is a breakdown of the core electronic components found in these types of kits. --- ### Core Electronic Components | Component | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" | Usually an **Arduino Uno R3**, **ESP32**, or **STM32** board that processes code and controls peripherals. | | **Motor Driver** | Power Control | Typically an **L298N** or **TB6612FNG** H-bridge module used to control the speed and direction of DC motors. | | **DC Gear Motors** | Locomotion | 1:48 ratio motors that provide torque to the wheels. Often include hall-effect encoders for speed feedback. | | **Expansion Shield** | Interfacing | A custom PCB that sits atop the MCU to allow easy "plug-and-play" connection for sensors and servos. | --- ### Sensor Modules These parts allow the L2-R12 to interact with its environment: 1. **Ultrasonic Sensor (HC-SR04):** * **Purpose:** Obstacle avoidance. * **Mechanism:** Emits high-frequency sound waves and measures the time taken for the echo to return to calculate distance. 2. **Line Tracking Modules:** * **Purpose:** Following black lines on a white floor. * **Mechanism:** Uses Infrared (IR) transmitter/receiver pairs to detect surface reflectivity. 3. **IR Remote Receiver:** * **Purpose:** Manual control. * **Mechanism:** Decodes signals from a handheld infrared remote. 4. **Bluetooth Module (HC-05/06 or BLE):** * **Purpose:** Wireless communication. * **Mechanism:** Allows the car to be controlled via a smartphone app. --- ### Power System The electronic stability of the L2-R12 depends on its power delivery: * **Battery Pack:** Usually consists of two **18650 Lithium-ion batteries** (7.4V total). * **Voltage Regulator:** Buck converters on the expansion board that step down 7.4V to 5V for the MCU and 3.3V for sensors. * **Power Switch:** A physical toggle to disconnect the battery from the circuit. --- ### Wiring and Connectivity The L2-R12 kit usually emphasizes a "no-solder" approach: * **XH2.54 Cables:** Polarized connectors that prevent plugging sensors in backwards. * **Dupont Wires:** Used for breadboard prototyping or connecting generic modules to the expansion shield.
    ✨ Follow-up Questions
    • ⤷ Which microcontroller board is specifically used in your L2-R12 kit (Arduino
    • ⤷ ESP32
    • ⤷ or STM32)?
    • ⤷ Are you having trouble with the motor driver wiring or the sensor code?
    • ⤷ Would you like a sample Arduino code snippet for the ultrasonic obstacle avoidance feature?