Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L2-R27-10

  • AI
    The **L2-R27-10** (often identified as the **L2-R27-10-F**) is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-precision wire-wound resistor, depending on the specific manufacturer series (commonly associated with parts used in radio frequency or power management circuits). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications This component is designed for high-density circuit boards where space and thermal stability are critical. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Precision Resistor (Variant dependent) | | **Resistance/Inductance** | 0.27 Ω (Ohms) / 0.27 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the "10" suffix) | | **Package Type** | SMD / SMT (Surface Mount Technology) | | **Operating Temp** | -55°C to +125°C | ### 2. Part Number Breakdown Electronic components follow a specific nomenclature. For the **L2-R27-10**, the code is generally interpreted as follows: * **L2:** Refers to the series or the physical size of the component (Body dimensions). * **R27:** Represents the value. In electronic coding, the "R" acts as a decimal point. * *R27 = 0.27 units.* * **10:** Represents the tolerance percentage. * *10 = ±10% deviation allowed from the nominal value.* ### 3. Key Electronic Functions Depending on its placement in a circuit (such as a power supply or an RF filter), it performs the following roles: * **Impedance Matching:** Used in high-frequency circuits to ensure maximum power transfer between stages. * **Current Sensing:** If configured as a low-ohm resistor, it is used to monitor current flow by measuring the voltage drop across it. * **Decoupling/Filtering:** If configured as an inductor, it helps block high-frequency noise while allowing DC to pass. ### 4. Typical Applications * **DC-DC Converters:** Managing power efficiency in mobile devices. * **RF Modules:** Tuning and filtering in wireless communication hardware. * **Automotive Electronics:** Used in ECU (Engine Control Unit) modules due to its wide operating temperature range. ---
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions of the L2 package size?
    • ⤷ Is the L2-R27-10 commonly used in high-frequency RF circuits?
    • ⤷ How do I test this component using a multimeter?