Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L2-R68

  • AI
    The **L2-R68** (often referred to as an R68 or 0.68μH Inductor) is a specific type of passive electronic component commonly found in high-frequency power circuits, such as those in laptops, smartphones, and graphics cards. --- ### 1. Component Identification The alphanumeric code "R68" follows standard electronic component marking conventions: | Part Component | Meaning | Detail | | :--- | :--- | :--- | | **R** | Decimal Point | Acts as a placeholder for the decimal. | | **68** | Value | The numerical inductance value. | | **Final Value** | **0.68 μH** | Measured in Microhenries. | ### 2. Physical Characteristics These parts are typically **SMD (Surface Mount Device)** molded power inductors. * **Construction:** A wire coil wound around a soft magnetic metal powder core (Iron powder or Alloy). * **Shielding:** Usually magnetically shielded to prevent Electromagnetic Interference (EMI) with nearby components. * **Terminals:** Two large metal solder pads on the bottom for high-current handling. --- ### 3. Technical Specifications While exact specs vary by manufacturer (like Vishay, TDK, or Coilcraft), a typical R68 inductor follows these parameters: | Parameter | Typical Range | | :--- | :--- | | **Inductance** | 0.68 μH (±20%) | | **DC Resistance (DCR)** | Very low (approx. 2mΩ to 15mΩ) | | **Saturation Current ($I_{sat}$)** | High (often 10A to 40A+) | | **Operating Temp** | -40°C to +125°C | --- ### 4. Role in Electronic Circuits The L2-R68 is primarily used in **DC-DC Buck Converters** (Voltage Regulators). 1. **Energy Storage:** It stores energy in a magnetic field when current flows and releases it when the switch opens. 2. **Current Smoothing:** It acts as a low-pass filter, smoothing out the high-frequency switching ripples to provide a steady DC voltage to sensitive components like CPUs or GPUs. 3. **High Current Handling:** Because of its low DCR (Direct Current Resistance), it can handle significant current without overheating. --- ### 5. Common Failure Symptoms If an R68 inductor fails (which is rare compared to capacitors), you might notice: * **Audible Whining:** Known as "Coil Whine" caused by mechanical vibration of the internal coils. * **Discoloration:** Scorch marks indicate the inductor has overheated due to a short circuit elsewhere. * **Physical Cracking:** The molded casing may crack if the device is dropped or under extreme thermal stress. ---
    ✨ Follow-up Questions
    • ⤷ How do I test an R68 inductor using a multimeter?
    • ⤷ What is the difference between an R68 and a 6R8 inductor?
    • ⤷ Why are these components often shielded in laptop motherboards?