Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L2-R68-10

  • AI
    Based on electronic component nomenclature, the code **L2-R68-10** typically refers to a **Power Inductor**. Specifically, this part is an SMD (Surface Mount Device) molded power inductor, often used in DC-DC converters and power supply modules. ### Component Breakdown | Part Segment | Meaning | Detailed Description | | :--- | :--- | :--- | | **L** | Component Type | Indicates an **Inductor**. | | **2** | Series/Size | Usually refers to the physical size or series (e.g., 2mm height or a specific footprint). | | **R68** | Inductance Value | Represents **0.68 µH** (Microhenries). The 'R' acts as a decimal point. | | **10** | Tolerance | Typically represents **±10%** tolerance. | --- ### Technical Specifications While exact specs can vary by manufacturer (such as Sumida, Vishay, or Bourns), a typical **0.68µH** power inductor of this class follows these parameters: * **Inductance:** 0.68 µH * **Tolerance:** ±10% (sometimes ±20% depending on the manufacturer's letter code, but '10' usually denotes the percentage). * **Core Material:** Iron Powder or Ferrite (Molded construction for low EMI). * **DC Resistance (DCR):** Very low, typically in the range of **5mΩ to 15mΩ** to minimize power loss. * **Saturation Current (Isat):** Generally high, often between **5A to 15A** depending on the physical package size. --- ### Common Applications These inductors are designed for high-frequency applications where space is limited and efficiency is critical. 1. **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost regulators. 2. **Motherboards/GPUs:** Found in Voltage Regulator Modules (VRM) to provide stable power to CPUs and GPUs. 3. **Mobile Devices:** Used in smartphones and tablets due to the low-profile SMD design. 4. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power lines. --- ### Comparison with Similar Values | Code | Inductance Value | | :--- | :--- | | **R47** | 0.47 µH | | **R68** | **0.68 µH** | | **1R0** | 1.0 µH | | **2R2** | 2.2 µH |
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces this specific L2-R68-10 part number?
    • ⤷ What are the physical dimensions of the '2' series package?
    • ⤷ How does saturation current affect the performance of a 0.68uH inductor?