Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L2-R82-10

  • AI
    Based on industrial specifications, the **L2-R82-10** typically refers to a high-precision **Current Sensing Resistor** (Shunt Resistor). These components are critical in power management circuits for monitoring current flow by measuring the voltage drop across a known resistance. --- ## 1. Technical Specifications The part number follows a standard nomenclature for electronic components. Here is the breakdown of the technical attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.82 $\Omega$ (820 m$\Omega$) | Indicated by "R82" | | **Tolerance** | $\pm 10\%$ | Indicated by the suffix "-10" | | **Component Type** | Current Sense Resistor | Fixed resistor for power applications | | **Mounting Type** | Surface Mount (SMD) | Designed for PCB automation | --- ## 2. Key Electronic Functions The L2-R82-10 serves three primary roles within a circuit: ### A. Current-to-Voltage Conversion By applying Ohm’s Law ($V = I \times R$), a micro-controller or power management IC (PMIC) can measure the small voltage across this resistor to calculate the exact current passing through the circuit. ### B. Overcurrent Protection In battery management systems (BMS), if the voltage across the R82 resistor exceeds a predefined threshold, the system triggers a shutdown to prevent damage from short circuits. ### C. Feedback Loops Used in DC-DC converters to maintain constant current output by providing real-time feedback to the regulator. --- ## 3. Physical Characteristics & Considerations When working with these parts, pay attention to the following electrical behaviors: * **Power Rating:** Usually rated between 0.5W to 2W. Exceeding this will cause the component to fail or drift in resistance. * **Temperature Coefficient (TCR):** These resistors are designed to have low TCR, meaning their resistance value stays stable even as they heat up during operation. * **Kelvin Connection:** High-precision versions often utilize a 4-terminal layout to remove the resistance of the solder joints from the measurement. --- ## 4. Typical Applications * **Battery Chargers:** Monitoring charging current. * **Motor Controllers:** Detecting load spikes in small DC motors. * **LED Drivers:** Ensuring constant current to prevent LED burnout. * **Laptop Power Bricks:** Input power monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the L2-R82-10 in a standard SMD package?
    • ⤷ How do I calculate the voltage drop across this resistor if the current is 500mA?
    • ⤷ Can a 5% tolerance resistor be used as a direct replacement for this 10% model?