Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L2PA-51-R

  • AI
    The **L2PA-51-R** is a specific model of an **LED Light Bar** or **Indicator Module**, typically associated with industrial automation and control systems (often manufactured by brands like PATLITE or used in Schneider Electric configurations). It is designed for visibility, status indication, and durability in harsh environments. --- ### 1. Key Technical Specifications Below are the general electronic and physical parameters for the L2PA-51-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | LED Light Bar / Status Indicator | | **Color** | Red (R designation) | | **Voltage** | Typically 24V DC (Standard for Industrial Control) | | **Current Consumption** | ~20mA to 50mA (Low power draw) | | **Light Source** | High-intensity LED | | **Mounting** | Panel Mount or Surface Mount (depending on housing) | | **Operating Temperature** | -20°C to +50°C | --- ### 2. Internal Electronic Components The device is composed of several critical electronic sub-parts: 1. **LED Array:** The core of the unit. It uses high-efficiency semiconductor diodes that emit red monochromatic light. 2. **Current Limiting Resistors:** Internal resistors protect the LEDs from overcurrent, ensuring longevity even if the voltage fluctuates slightly. 3. **Polarity Protection Diode:** Usually includes a bridge or a single diode to prevent damage if the DC power leads are connected backward. 4. **Diffusion Lens:** While mechanical, the lens is optically engineered to scatter the LED point-source light into a uniform bar shape for better visibility at wide angles. --- ### 3. Wiring and Integration The L2PA-51-R is usually integrated into a larger control circuit (PLC). ```yaml Wiring Diagram Concept: [24V DC Source (+)] ---- [Switch/PLC Output] ---- [Red Wire (+)] | [L2PA-51-R] | [GND / 0V (-)] ---------------------------------- [Black Wire (-)] ``` --- ### 4. Common Applications * **Machine Status:** Indicating an "Emergency Stop" or "Fault" condition. * **Control Panels:** Providing visual feedback for specific process stages. * **Safety Systems:** Used as a warning light for moving parts or restricted areas.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the L2PA-51-R?
    • ⤷ Is there a multi-color version of this LED bar available?
    • ⤷ Does this model support flashing or strobing modes via internal circuitry?