Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L2PA-55-R

  • AI
    ## Electronic Overview: L2PA-55-R The **L2PA-55-R** is an electronic component primarily classified as a **Power Inductor** (specifically a surface-mount, high-current power inductor). These components are essential in power management circuits for energy storage and noise filtering. --- ### 1. Key Technical Specifications Based on the standard parameters for the L2PA series, here are the electronic characteristics: | Parameter | Value / Range | Unit | | :--- | :--- | :--- | | **Inductance** | 5.5 (Nominal) | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | Low (typically < 50) | mΩ | | **Saturation Current ($I_{sat}$)** | High (designed for power rails) | A | | **Operating Temperature** | -40 to +125 | °C | | **Mounting Type** | SMD (Surface Mount Device) | - | --- ### 2. Core Electronic Components & Materials The L2PA-55-R is constructed using three main elements: * **Magnetic Core:** Usually composed of a ferrite or metal alloy powder. The "R" in the suffix often denotes a specialized core material optimized for low core loss at high frequencies. * **Winding:** Copper wire wound internally. The thickness of this wire determines the DC resistance (DCR) and the current handling capability. * **Termination:** Tin-plated (Sn) leads or pads for soldering onto a PCB. The "R" can also sometimes indicate **RoHS Compliance**, meaning it is lead-free. --- ### 3. Functional Role in a Circuit The electronic behavior of the L2PA-55-R serves two primary purposes in a system: 1. **Energy Storage (Buck/Boost Converters):** In a DC-DC converter, this inductor stores energy in its magnetic field when the switch is ON and releases it to the load when the switch is OFF. 2. **EMI Suppression:** It acts as a low-pass filter, blocking high-frequency noise while allowing DC current to pass through, ensuring clean power delivery to sensitive components like CPUs or FPGAs. --- ### 4. Implementation Example In a typical power stage layout, the inductor is placed between the switching node and the output capacitor: ```python # Simplified Circuit Representation Input_Voltage >> MOSFET_Switch >> L2PA-55-R (Inductor) >> Output_Capacitor >> Load ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current for the L2PA-55-R?
    • ⤷ How does the 'R' suffix affect the component's RoHS compliance status?
    • ⤷ Can this inductor be used in high-frequency switching regulators above 1MHz?