Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L2PA-66-R

  • AI
    The **L2PA-66-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) RF Transformer** or a **Power Splitter/Combiner**, often manufactured by companies like Mini-Circuits. It is designed for high-frequency signal processing. --- ### ## Technical Specifications Below are the typical electronic characteristics for this series of components: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Transformer / Balun | | **Frequency Range** | ~2 MHz to 600 MHz (Model dependent) | | **Impedance Ratio** | 1:1 or 1:2 (Commonly 50 $\Omega$ input) | | **Insertion Loss** | < 1.0 dB | | **Package Type** | Case Style CD542 (Surface Mount) | | **Operating Temp** | -40°C to +85°C | | **Termination** | RoHS Compliant (Lead-Free) | --- ### ## Key Electronic Functions 1. **Impedance Matching:** It is used to match the impedance between two circuits (e.g., a 50-ohm amplifier output to a 75-ohm cable) to minimize signal reflection and maximize power transfer. 2. **Balanced to Unbalanced Conversion (Balun):** The "PA" designation often implies its use in push-pull amplifiers, converting a single-ended signal (unbalanced) into two signals with 180-degree phase difference (balanced). 3. **DC Isolation:** Because it functions through magnetic induction, it provides galvanic isolation, preventing DC current from passing between the primary and secondary stages while allowing AC (RF) signals through. --- ### ## Physical Construction * **Core Material:** Usually a Ferrite core to provide high permeability at high frequencies. * **Windings:** Precision copper wire windings designed to minimize parasitic capacitance. * **Footprint:** Designed for automated pick-and-place assembly on Printed Circuit Boards (PCBs). --- ### ## Applications * **CATV/Broadband:** Signal distribution in cable television systems. * **VHF/UHF Receivers:** Front-end signal processing. * **Push-Pull Amplifiers:** Driving transistors in a balanced configuration. * **Test Equipment:** Signal conditioning in laboratory hardware.
    ✨ Follow-up Questions
    • ⤷ What is the specific impedance ratio for the R-variant of this part?
    • ⤷ Can this component be used in high-power transmission circuits?
    • ⤷ What are the recommended soldering profiles for the CD542 package?