Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L2PE-66-R

  • AI
    The **L2PE-66-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for voltage regulation and noise filtering. Below is a detailed breakdown of its specifications and electronic properties. --- ### 1. General Specifications The "L2PE" series usually refers to high-current, low-profile power inductors designed for modern compact electronics. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Value** | Typically 6.6 µH (indicated by the "66" code) | | **Shielding** | Magnetically Shielded (to reduce EMI) | | **Core Material** | Ferrite or Metal Alloy Composite | --- ### 2. Key Electrical Parameters To understand how this part functions in a circuit, consider these three critical parameters: 1. **Inductance (L):** Usually measured in microhenries (µH). This part is designed to store energy in a magnetic field when electric current flows through it. 2. **DC Resistance (DCR):** The internal resistance of the copper wire used in the coil. A lower DCR is preferred to minimize heat loss and maximize efficiency. 3. **Saturation Current (Isat):** The maximum current at which the inductance drops by a specific percentage (usually 20-30%). Exceeding this causes the inductor to lose its effectiveness. --- ### 3. Application Use Cases The L2PE-66-R is commonly found in the following electronic environments: * **DC-DC Converters:** Used in Buck (step-down) or Boost (step-up) converters to smooth out current ripples. * **Battery Powered Devices:** Found in laptops, tablets, and smartphones due to its small footprint and high efficiency. * **Voltage Regulator Modules (VRM):** Provides stable power to CPUs or GPUs. * **Noise Filtering:** Acts as a low-pass filter to prevent high-frequency noise from interfering with sensitive components. --- ### 4. Typical Physical Characteristics The "R" suffix often denotes the packaging style (e.g., Tape and Reel) or a specific tolerance/RoHS compliance. ```yaml Package_Style: Shielded Drum Core Material: Lead-free, RoHS compliant Terminal_Finish: Tin (Sn) or Silver (Ag) Operating_Temperature: -40°C to +125°C (standard range) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the current rating for the L2PE-66-R?
    • ⤷ Can I substitute a 6.8µH inductor for a 6.6µH L2PE-66-R?
    • ⤷ Which manufacturers typically produce the L2PE series?