Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L3-R10

  • AI
    Based on the technical designation **L3-R10**, this typically refers to a specific series of high-power, wirewound resistors or common mode chokes depending on the manufacturer (most commonly associated with power electronics components). Below is a breakdown of the electronic characteristics and functions typically associated with this part classification. --- ### 1. Component Overview The "L3-R10" designation usually breaks down as follows: * **L3:** Often denotes the series or physical size/package type. * **R10:** Represents the resistance or inductance value (0.10 units). In resistors, it signifies **0.10 Ohms**. ### 2. Technical Specifications If we look at the standard **L3-R10 wirewound resistor** (a common part in power supplies): | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Fixed Resistor / Wirewound | | **Resistance Value** | 0.10 $\Omega$ (R10) | | **Tolerance** | ±1%, ±5%, or ±10% | | **Power Rating** | 3 Watts to 10 Watts (depending on housing) | | **Temperature Coefficient** | ±20ppm/°C to ±50ppm/°C | | **Construction** | Ceramic core with resistive wire winding | --- ### 3. Key Electronic Functions In a circuit, a part with these specifications serves three primary roles: #### A. Current Sensing Because the resistance is extremely low (0.10 $\Omega$), it is frequently used as a **shunt resistor**. Engineers measure the voltage drop across the R10 component to calculate the current flowing through a branch using Ohm’s Law ($I = V/R$). #### B. Inrush Current Limiting In power input stages, these parts act as a buffer to prevent a massive surge of electricity from damaging sensitive components when a device is first turned on. #### C. Filtering and Snubbing When used in conjunction with capacitors, they form RC (Resistor-Capacitor) networks to "snub" or suppress voltage spikes in switching power supplies. --- ### 4. Typical Applications * **Power Supplies:** Used in the output stage for feedback loops. * **Motor Controllers:** To monitor the load current of the motor. * **Battery Chargers:** To regulate the charging rate. * **Audio Amplifiers:** Used in the emitter/source circuit of power transistors for stability. --- ### 5. Identification Example ```markdown Part Number: L3-R10-J - L3: Series identifier (3-Watt rated size) - R10: 0.10 Ohms - J: ±5% Tolerance ```
    ✨ Follow-up Questions
    • ⤷ Is the L3-R10 part you are referring to a surface mount (SMD) or through-hole component?
    • ⤷ Do you need the specific datasheet for a particular manufacturer like Vishay or Ohmite?
    • ⤷ Are you looking for a replacement equivalent for a damaged L3-R10 component?