Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L3-R56

  • AI
    Based on standard electronic component nomenclature, **L3-R56** typically refers to a **Power Inductor** (specifically a Surface Mount Device or SMD). The alphanumeric code provides specific technical details about the component's function and value. --- ### 1. Component Breakdown | Segment | Meaning | Description | | :--- | :--- | :--- | | **L** | Component Type | Standing for **Inductance**. In circuit diagrams, "L" is the standard symbol for an inductor. | | **3** | Series/Size | Often refers to the physical footprint or series (e.g., a specific manufacturer's 3mm x 3mm series). | | **R56** | Value | Represents the inductance value in Microhenries ($\mu H$). | --- ### 2. Understanding the Value (R56) In electronics, the letter **"R"** acts as a decimal point for values measured in the base unit (microhenries for inductors). * **R56 = 0.56 $\mu H$** * If the code were **4R7**, it would be **4.7 $\mu H$**. * If the code were **100**, it would be **10 $\mu H$** (using the 3-digit multiplier system). --- ### 3. Technical Specifications An inductor with this labeling usually features the following characteristics: * **Type:** Shielded or Unshielded Power Inductor. * **Core Material:** Ferrite or Iron Powder (common for high-frequency DC-DC converters). * **Tolerance:** Typically ±20% (Standard for power applications). * **DCR (DC Resistance):** Usually very low (measured in milliohms) to minimize power loss. * **Saturation Current:** This value indicates the maximum current the inductor can handle before its inductance drops significantly. --- ### 4. Common Applications A **0.56 $\mu H$** inductor is a relatively low value, typically used in high-frequency switching environments: 1. **Voltage Regulator Modules (VRM):** Found on motherboards and GPU power phases. 2. **DC-DC Converters:** Buck converters that step down voltage for CPUs or mobile processors. 3. **Noise Filtering:** Used in high-speed data lines or power input stages to filter out electromagnetic interference (EMI). --- ### 5. Identification Example If you see this printed on a small grey or black square chip on a PCB: ` ` `text _______ | | | R56 | <-- Inductance Value (0.56uH) |_______| ` ` `
    ✨ Follow-up Questions
    • ⤷ How do I calculate the saturation current for an R56 inductor?
    • ⤷ What are the physical dimensions of a typical '3' series SMD inductor?
    • ⤷ Can I replace an R56 inductor with a 1R0 inductor in a circuit?