Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L3-R82

  • AI
    The **L3-R82** refers to a high-speed, 3D LiDAR sensor (often associated with brands like Leishen Intelligent or similar industrial LiDAR manufacturers). This device is primarily used for autonomous driving, robotics, and mapping. Below is a breakdown of its electronic components and technical architecture. --- ### 1. Core Electronic Components The L3-R82 is a complex optoelectronic system. Its internal architecture can be categorized into four main subsystems: | Component Category | Description | Key Function | | :--- | :--- | :--- | | **Emitter Array** | Laser Diodes (905nm) | Projects pulsed infrared light beams toward the environment. | | **Receiver Array** | APD (Avalanche Photodiodes) | Captures reflected photons and converts them into electrical signals. | | **Processing Unit** | FPGA / SoC | Handles high-speed Time-of-Flight (ToF) calculations and point cloud generation. | | **Scanning Motor** | Brushless DC Motor (BLDC) | Rotates the optical assembly to provide 360° horizontal coverage. | --- ### 2. Technical Specifications The electronic performance of the R82 series is defined by its ability to process millions of data points per second. * **Detection Method:** Time of Flight (ToF). * **Laser Wavelength:** 905 nm (Class 1 Eye Safe). * **Data Interface:** Ethernet (100 Mbps or 1000 Mbps) using UDP/IP protocols. * **Synchronization:** GPS PPS (Pulse Per Second) and NMEA support for precise timestamping. * **Power Supply:** Typically operates on 12V to 32V DC. --- ### 3. Electronic Architecture & Signal Flow The electronic operation follows a specific "Signal Chain": 1. **Triggering:** The **FPGA** sends a precision trigger to the **Laser Driver IC**. 2. **Emission:** The Laser Diode fires a nanosecond-scale pulse. 3. **Detection:** The **APD** detects the return signal. Because the return signal is weak, a **TIA (Transimpedance Amplifier)** converts the current to a measurable voltage. 4. **Digitization:** A high-speed **ADC (Analog-to-Digital Converter)** or a TDC (Time-to-Digital Converter) measures the exact interval between emission and reception. 5. **Output:** The SoC packages this data into a UDP packet and sends it via the **RJ45/M12 Ethernet connector**. --- ### 4. Connectivity and Pinout Most L3-R82 models use an integrated cable or a specialized aviation plug for connectivity: ```yaml Power_Interface: VCC: 12-32V DC GND: Ground Data_Interface: Type: Ethernet (Base-T) Protocol: UDP/IP Sync: PPS Input (for time alignment) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific integration steps for L3-R82 with ROS or ROS2?
    • ⤷ How does the L3-R82 handle interference from other LiDAR sensors?
    • ⤷ What is the maximum effective range and accuracy of this specific model?