Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L331M

  • AI
    Based on electronic component naming conventions, **L331M** typically refers to a specific type of **Fixed Inductor** or a **Ceramic Capacitor**, depending on the manufacturer's prefix. However, it is most commonly associated with a **330µH Inductor** with a ±20% tolerance. Below is a breakdown of what the alphanumeric code "331M" signifies in electronic parts. --- ## 1. Decoding the Part Number (331M) The code follows the standard EIA three-digit marking system used for passive components. | Digit | Meaning | Value | | :--- | :--- | :--- | | **3** | 1st Significant Digit | 3 | | **3** | 2nd Significant Digit | 3 | | **1** | Multiplier ($10^1$) | Add one zero | | **M** | Tolerance | ±20% | ### Calculated Value: * **Base Value:** $33 \times 10 = 330$ * **Units:** * If an **Inductor**: 330 microhenries (**µH**) * If a **Capacitor**: 330 picofarads (**pF**) --- ## 2. Common Component Types ### A. Power Inductor (SMD or Through-Hole) This is the most frequent application for the "L331M" marking. These are used for energy storage and filtering in power supplies. * **Function:** Blocks high-frequency AC while allowing DC to pass. * **Applications:** DC-DC converters, LED drivers, and noise filters. * **Physical Form:** Often found as a small square shielded SMD (Surface Mount Device) or a "drum core" radial component. ### B. Multilayer Ceramic Capacitor (MLCC) If the component is a small ceramic disc or a rectangular chip without a coil structure, it is a capacitor. * **Value:** 330pF (0.33nF). * **Function:** Decoupling high-frequency noise or timing circuits. * **Tolerance:** The "M" signifies a wide tolerance of ±20%, which is common for bypass capacitors. --- ## 3. Technical Specifications Table | Feature | Typical Specification (Inductor) | | :--- | :--- | | **Inductance** | 330 µH | | **Tolerance (M)** | ±20% | | **DC Resistance (DCR)** | Varies by size (0.5Ω - 5Ω typically) | | **Saturation Current** | Dependent on physical package size | | **Core Material** | Ferrite | --- ## 4. How to Identify in a Circuit 1. **PCB Reference Designator:** Look for the letter printed on the board next to the part. * **L** = Inductor (e.g., L101) * **C** = Capacitor (e.g., C205) 2. **Visual Check:** * If it looks like a wire coil wrapped around a dark grey core, it is an **Inductor**. * If it is a solid tan, blue, or brown block/disc, it is a **Capacitor**.
    ✨ Follow-up Questions
    • ⤷ How do I measure the actual value of an L331M inductor using a multimeter?
    • ⤷ What is the difference between an L331M and an L331K component?
    • ⤷ In what specific circuit would a 330uH inductor typically be used?