Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L3CK-13-R

  • AI
    The **L3CK-13-R** is a specific electronic component, most commonly identified as a **high-current power inductor** or a specialized **surface-mount device (SMD)** part often found in automotive and industrial power management circuits. --- ### 1. Component Specifications While exact specifications can vary by manufacturer (often associated with brands like Eaton/Coiltronics or Sumida), the "L3CK" series typically follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Specified by the "13" code (often 1.3µH or 13µH depending on the series multiplier) | | **Shielding** | Magnetically Shielded (to prevent EMI) | | **Core Material** | Ferrite or Metal Powder | | **Tolerance** | Generally ±20% | --- ### 2. Key Features The L3CK-13-R series is engineered for high-efficiency power conversion. Its primary electronic characteristics include: * **Low DC Resistance (DCR):** Minimizes power loss and heat generation, which is critical for battery-powered devices. * **High Saturation Current:** It can handle high peak currents without the magnetic core losing its inductive properties. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with the Restriction of Hazardous Substances (Lead-free). * **Robust Construction:** Designed to withstand vibration and thermal cycling, making it suitable for automotive "under-the-hood" applications. --- ### 3. Common Applications This part is typically found in the following electronic circuits: 1. **DC-DC Converters:** Acts as an energy storage element in buck (step-down) or boost (step-up) regulators. 2. **Voltage Regulator Modules (VRM):** Used in computing and server environments to provide stable power to CPUs/GPUs. 3. **EMI Filtering:** Used in power lines to filter out high-frequency noise and prevent interference with other components. 4. **Automotive Infotainment:** Powering displays and navigation systems where space is limited and heat must be managed. --- ### 4. Comparison with Standard Inductors Compared to standard axial inductors, the **L3CK-13-R** offers: * **Higher Power Density:** More inductance in a smaller physical footprint. * **Automated Assembly:** The flat top surface is optimized for high-speed "pick and place" machines.
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current rating for the L3CK-13-R?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Bourns or Vishay?
    • ⤷ How does the 'R' suffix affect the soldering process for this component?