Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L3CK-15-R

  • AI
    The **L3CK-15-R** is a specific model within the category of **High-Voltage Rectifier Blocks**, typically utilized in specialized industrial power applications such as microwave systems, X-ray equipment, or electrostatic precipitators. --- ### 1. Technical Specifications While specific datasheets can vary by manufacturer (often produced by companies like Fuji Electric or specialized HV component firms), the general specifications for this series are as follows: | Parameter | Specification (Typical) | |:---|:---| | **Component Type** | High-Voltage Silicon Diode / Rectifier | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 15 kV (15,000 Volts) | | **Average Forward Current ($I_{F(AV)}$)** | ~300 mA to 500 mA (Model dependent) | | **Forward Voltage Drop ($V_F$)** | Approx. 20V - 30V | | **Recovery Time ($t_{rr}$)** | Standard Recovery | | **Operating Temperature** | -40°C to +120°C | --- ### 2. Physical and Structural Parts The L3CK-15-R is not a single diode chip but a **rectifier assembly**. Its internal structure consists of: 1. **Series Diode Chain:** Since a single silicon wafer cannot withstand 15kV, the device contains multiple diode chips connected in series inside the housing. 2. **Encapsulation:** The internal components are potted in a high-dielectric epoxy resin. This prevents "arcing" (electrical jumping) between the high-voltage terminals. 3. **Terminals:** Usually features axial leads or bolt-on terminals designed to maintain a specific creepage distance to prevent surface discharge. --- ### 3. Application Use Cases This part is critical in circuits where AC voltage must be converted to High-Voltage DC (HVDC): * **Microwave Power Supplies:** Used in the high-voltage section to feed the magnetron. * **Laser Power Units:** Providing the necessary DC strike voltage for gas lasers. * **Air Purification:** Powering the ionization grids in industrial electrostatic air cleaners. --- ### 4. Circuit Representation In a schematic, it is represented as a standard diode, though often with a note regarding its high voltage rating. ```mermaid graph LR A[Anode] -->|Current Flow| B[Cathode/Bar] ``` **Safety Warning:** When working with the L3CK-15-R, ensure all capacitors in the circuit are fully discharged. 15kV is lethal and can arc across air gaps even without direct contact. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the '-R' suffix in this part number?
    • ⤷ How do I test a high-voltage rectifier like the L3CK-15-R using a standard multimeter?
    • ⤷ What are the common failure modes for encapsulated high-voltage diodes?