Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L3CK-1E-R

  • AI
    ### Overview of the L3CK-1E-R The **L3CK-1E-R** is a specific model identifier typically associated with **commercial refrigeration controllers** or specialized **electronic thermostats**, often manufactured by brands like *Dixell* or *Emerson*. These units are designed to monitor temperature and manage the operation of compressors, fans, and defrost cycles. --- ### Core Electronic Components The internal architecture of the L3CK-1E-R consists of several critical electronic sub-systems: | Component | Function | | :--- | :--- | | **Microprocessor** | The "brain" that processes sensor data and executes pre-programmed logic for cooling/heating. | | **NTC/PTC Inputs** | Terminals designed to receive resistance-based signals from temperature probes. | | **Relay Outputs** | Electromechanical switches that control high-voltage loads (Compressor, Defrost Heaters, Fans). | | **Switching Power Supply** | Converts incoming AC mains voltage to low-voltage DC (typically 12V or 5V) for the logic board. | | **EEPROM Memory** | Non-volatile memory that stores user settings and configuration parameters even during power loss. | --- ### Technical Specifications While specific revisions may vary, the general electronic profile for this class of controller includes: 1. **Input Power:** Usually 230Vac or 115Vac (model dependent). 2. **Display:** 3-digit LED display (usually red or green) for real-time temperature monitoring. 3. **Connectivity:** Often includes a **TTL port** for "Hot Key" programming or connection to Modbus monitoring systems. 4. **Housing:** Self-extinguishing ABS plastic with IP65 front protection. --- ### Terminal Connections (Typical Layout) Below is a simplified representation of how the electronic parts interface with the external system: ```mermaid graph LR A[Power Supply In] --> B(L3CK-1E-R Controller) B --> C[Relay 1: Compressor] B --> D[Relay 2: Defrost] B --> E[Relay 3: Fans] F[Temp Probe 1] --> B G[Temp Probe 2] --> B ``` --- ### Common Failure Points * **Relay Pitting:** The internal contacts of the relays can wear out due to the high inductive load of the compressor. * **Capacitor Aging:** The electrolytic capacitors in the power supply section may dry out over time, leading to display flickering or intermittent resets. * **Sensor Drift:** The electronic resistance of the NTC probes may shift, causing inaccurate temperature readings.
    ✨ Follow-up Questions
    • ⤷What are the specific wiring diagrams for the L3CK-1E-R relays?
    • ⤷ How do I troubleshoot an 'E1' error code on this controller?
    • ⤷ Can this controller be integrated into a remote monitoring system via RS485?