Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L4075L-AF5-R

  • AI
    Based on the part number **L4075L-AF5-R**, this component is a **low-dropout (LDO) linear regulator** typically manufactured by UTC (Unisonic Technologies Co., Ltd). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The L4075 series is designed for low-power, high-precision applications. It is commonly used in battery-powered devices where low quiescent current and a small footprint are critical. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | CMOS Low Dropout Regulator (LDO) | | **Output Voltage** | 0.75V (Fixed) | | **Output Current** | 300mA to 500mA (depending on thermal conditions) | | **Package Type** | SOT-25 (AF5) | | **RoHs Status** | Halogen Free / Lead Free (R) | --- ### 2. Part Number Breakdown The suffixing follows UTC’s naming convention: | Code Segment | Meaning | | :--- | :--- | | **L4075** | Model series (0.75V Fixed Output) | | **L** | Lead-free plating | | **AF5** | Package Code: SOT-25 (also known as SOT-23-5) | | **R** | Packing Code: Tape & Reel | --- ### 3. Pin Configuration (SOT-25) Standard configuration for the AF5 package: 1. **VIN**: Input Voltage Supply. 2. **GND**: Ground. 3. **EN (CE)**: Chip Enable (High = On, Low = Shutdown). 4. **NC/BP**: No connection or Bypass capacitor (used to reduce noise). 5. **VOUT**: Regulated Output Voltage. --- ### 4. Key Electrical Characteristics * **Low Quiescent Current:** Typically in the range of 25µA to 50µA, extending battery life in standby modes. * **High PSRR:** Excellent Power Supply Rejection Ratio, making it suitable for noise-sensitive RF or audio circuits. * **Low Dropout Voltage:** Requires a very small difference between input and output voltage to maintain regulation (typically <200mV at full load). * **Protection Features:** * **Over Current Protection (OCP):** Limits output current to prevent damage during shorts. * **Thermal Shutdown (OTP):** Shuts down the IC if the junction temperature exceeds safe limits. --- ### 5. Application Circuits To ensure stability, LDOs like the L4075 require external capacitors. ```c // Typical Setup: [Input Source] ---> [C_in: 1uF] ---> [VIN Pin] [VOUT Pin] ---> [C_out: 1uF] ---> [Load] [EN Pin] ---> [Logic High/Low] [GND Pin] ---> [System Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the L4075 series?
    • ⤷ Can I substitute the AF5 package with a SOT-89 package?
    • ⤷ How does the 'Enable' pin affect power consumption in sleep mode?