Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L5100G-AF5-R

  • AI
    ## Technical Overview of the L5100G-AF5-R The **L5100G-AF5-R** is a high-precision, low-dropout (LDO) linear voltage regulator typically manufactured by UTC (Unisonic Technologies). It is designed for applications requiring stable voltage output with minimal power loss. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the L5100G-AF5-R: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Output Voltage** | 5.0V | Fixed output version | | **Input Voltage Range** | Up to 7.0V | Maximum operating input | | **Output Current** | 300mA - 500mA | Depending on thermal conditions | | **Dropout Voltage** | ~200mV @ 100mA | Low differential required for operation | | **Quiescent Current** | ~50μA | Low power consumption in standby | | **Package Type** | SOT-25 / SOT-23-5 | Small surface mount footprint | | **RoHS Status** | Halogen Free | "G" and "R" suffixes indicate compliance | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific features of this component: * **L5100**: The series base number (Low Dropout Regulator). * **G**: Halogen-free and RoHS compliant. * **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) package type. * **R**: Tape and Reel packaging for automated assembly. --- ### 3. Pin Configuration (SOT-25) In a typical SOT-25 layout for this series, the pins are assigned as follows: 1. **VIN**: Input Voltage Supply. 2. **GND**: Ground Reference. 3. **EN (CE)**: Chip Enable (High = On, Low = Shutdown). 4. **NC/ADJ/BP**: No connection or Bypass capacitor pin (depending on specific sub-variant). 5. **VOUT**: Regulated Output Voltage. --- ### 4. Typical Applications Due to its low dropout and high accuracy, this part is commonly found in: * **Battery-powered devices**: Smartphones, tablets, and portable medical gear. * **Post-regulation**: Cleaning up noise from switching power supplies. * **Reference Voltages**: Providing a stable 5V rail for microcontrollers and sensors. --- ### 5. Essential Circuit Requirements To ensure stability, the L5100G requires external capacitors: * **Input Capacitor ($C_{IN}$):** Typically 1μF ceramic to handle line transients. * **Output Capacitor ($C_{OUT}$):** A minimum of 1μF to 2.2μF ceramic is usually required to prevent oscillation and maintain transient response.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives for the L5100G-AF5-R in a SOT-23-5 package?
    • ⤷ How does the 'Enable' pin affect the power consumption in sleep mode?
    • ⤷ What is the maximum power dissipation (Pd) for this part in the SOT-25 package?