Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L6-R

  • AI
    The **L6-R** generally refers to a specific series of high-performance **Brushless DC (BLDC) motors** or specialized linear actuators used in robotics and industrial automation. Below is a breakdown of the electronic components and technical specifications typically associated with the L6-R motor series. ### 1. Core Technical Specifications These motors are designed for high torque density and precision control. | Component | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Outrunner | | **Feedback System** | Integrated Absolute Encoder (usually 12-bit to 14-bit) | | **Communication** | CAN Bus (CANopen) or RS485 | | **Driver Type** | Integrated FOC (Field Oriented Control) Driver | | **Operating Voltage** | Typically 24V - 48V DC | --- ### 2. Key Electronic Parts & Modules #### A. The Integrated Controller (ESC) Unlike standard hobby motors, the L6-R usually features a built-in **Field Oriented Control (FOC)** driver. This allows for: * **Current Sensing:** High-precision resistors to monitor torque in real-time. * **Logic Unit:** A microprocessor (often ARM Cortex-M series) that calculates PID loops for position, velocity, and torque. #### B. Position Sensors (Encoders) The "R" in L6-R often signifies high-resolution feedback. It utilizes: * **Magnetic Encoders:** Uses a diametrically magnetized magnet and a Hall-effect sensor IC to determine the exact angle of the shaft. * **Multi-turn Memory:** Some versions include a small battery or capacitor-backed memory to remember position even after power-off. #### C. Stator and Winding Assembly * **Windings:** High-fill factor copper windings to minimize heat (I²R losses). * **NTC Thermistor:** An internal temperature sensor that triggers thermal shutdown if the electronics exceed safe limits (usually 80°C - 100°C). #### D. Communication Interface The electronics include transceiver chips for: * **CAN-Bus:** High-speed differential signaling for daisy-chaining multiple motors in a robotic arm. * **UART/TTL:** For initial configuration via a PC. --- ### 3. Wiring Pinout (Typical) Most L6-R modules use a standardized connector (like Molex or JST) with the following pins: 1. **VCC:** Main power supply (24V-48V). 2. **GND:** Common Ground. 3. **CAN_H:** CAN High signal. 4. **CAN_L:** CAN Low signal. 5. **Digital I/O:** (Optional) For limit switches or emergency stops. --- ### 4. Application Context Because of these electronics, the L6-R is used in: * **Exoskeletons:** Where torque control is critical for human safety. * **Quadrupedal Robots:** For high-speed leg movement and impact resistance. * **Gimbals:** Where smooth, low-cogging motion is required.
    ✨ Follow-up Questions
    • ⤷What is the protocol used to program the L6-R motor parameters?
    • ⤷ How does Field Oriented Control (FOC) differ from standard PWM control in these motors?
    • ⤷ Can the L6-R operate in a master-slave configuration via CAN bus?