Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L70-R

  • AI
    The **L70-R** is a low-cost, high-performance ROM-based GPS module developed by Quectel. It is specifically designed for applications requiring small footprints and low power consumption without the need for extensive firmware customization. --- ### 1. Key Electronic Components & Specifications The L70-R integrates several critical electronic sub-systems into a single SMD package. | Feature | Specification | | :--- | :--- | | **Receiver Type** | GPS L1 C/A Code | | **Channels** | 66 Tracking / 22 Acquisition | | **Power Supply** | 2.8V ~ 4.3V (Typical 3.3V) | | **Power Consumption** | 13mA (Tracking), 16mA (Acquisition) | | **Interface** | UART (TTL Level) | | **Protocol** | NMEA 0183 | | **Form Factor** | 15.0mm × 10.1mm × 2.0mm | --- ### 2. Core Functional Blocks #### A. The MediaTek Chipset The heart of the L70-R is the **MTK MT3337** platform. Unlike the standard L70 which uses Flash memory, the **R** variant (ROM-based) stores its firmware in Read-Only Memory. This reduces cost and power usage but means the firmware cannot be updated. #### B. Internal Low Noise Amplifier (LNA) The module features a built-in LNA. This component amplifies the weak signals received from the satellite before they are processed by the RF front-end, ensuring better sensitivity in "urban canyons" or under foliage. #### C. Crystal Oscillator (TCXO) The L70-R utilizes a Temperature-Compensated Crystal Oscillator. This ensures that the frequency remains stable even if the ambient temperature of the electronic device changes rapidly, leading to faster Time-to-First-Fix (TTFF). --- ### 3. Pinout & Connectivity The L70-R uses an LCC (Leadless Chip Carrier) castellation package. Key pins include: * **VCC:** Main power supply. * **GND:** Ground reference. * **TXD/RXD:** UART communication lines for sending NMEA data to a microcontroller. * **RESET_N:** Low-level active reset pin. * **TIMEPULSE (PPS):** Provides one pulse per second synchronized with GPS time (useful for time-keeping applications). * **V_BCKP:** Backup power supply for the RTC and SRAM to enable "Hot Starts." --- ### 4. EASY™ Technology (Embedded Assist System) One of the most important electronic features of the L70-R is **EASY™**. * **Function:** It automatically calculates and predicts satellite orbits (Ephemeris data). * **Benefit:** It stores this data in the internal RAM, allowing the module to fix a position extremely quickly even when the signal is weak, without needing any external memory. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the L70-R and the standard L70 module?
    • ⤷ How do I connect the L70-R to an Arduino or ESP32?
    • ⤷ What type of antenna is recommended for the L70-R GPS module?