Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L815PW-R68MF

  • AI
    ## Technical Analysis: L815PW-R68MF (Fixed Inductor) The **L815PW-R68MF** is a high-current, low-profile surface-mount (SMD) power inductor. These components are critical in modern electronics for energy storage and noise filtering, particularly in DC-DC converters. --- ### 1. Component Specifications Based on the part numbering convention (typically associated with manufacturers like Cyntec or similar power component specialists), here are the technical parameters: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Package Size** | 8.0mm x 8.0mm (approximate footprint) | | **Construction** | Metal Alloy Powder (Molded Type) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded | --- ### 2. Detailed Part Breakdown The alphanumeric code follows a specific logic: * **L815PW**: Represents the series and physical dimensions. The "815" usually refers to the 8.0mm square footprint with a specific height profile. * **R68**: The inductance value. "R" acts as a decimal point, so R68 = **0.68 µH**. * **M**: The tolerance code. M = **±20%**. * **F**: Often signifies **RoHS Compliance** (Lead-Free). --- ### 3. Key Electronic Characteristics #### A. Power Handling Because this part uses a **Metal Alloy core**, it offers a "Soft Saturation" characteristic. Unlike traditional ferrite inductors that lose inductance sharply when current increases, this part maintains performance even under high transient loads. #### B. Low DCR (DC Resistance) The "PW" series is optimized for low internal resistance. This minimizes heat generation and improves the efficiency of power supplies in laptops, servers, and automotive modules. #### C. EMI Shielding The molded construction acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. --- ### 4. Typical Applications This specific inductor value (0.68 µH) is commonly used in: * **Voltage Regulator Modules (VRM):** Specifically for CPU/GPU power phases. * **DC-DC Converters:** Point-of-Load (POL) power supplies. * **Battery Powered Devices:** High-efficiency power management. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Isat) for the L815PW-R68MF?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
    • ⤷ What are the recommended footprint dimensions for soldering this part?