Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • L816PW-R68MF

  • AI
    The **L816PW-R68MF** is a high-performance **surface-mount (SMD) Power Inductor**, typically utilized in high-frequency DC-DC converter applications. It belongs to a class of molded power inductors known for their high current handling and compact footprint. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the L816PW-R68MF: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **DCR (DC Resistance)** | Low (Typically < 5-10 mΩ depending on series) | | **Saturation Current ($I_{sat}$)** | High (Usually 15A - 25A range) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Metal Alloy / Shielded Composite | | **Package Size** | Approx. 8.0 x 8.0 x 4.0 mm (varies slightly by brand) | --- ## 2. Part Number Breakdown The nomenclature typically follows this structure: * **L816:** Refers to the series and physical dimensions (Length/Width). * **PW:** Indicates the specific winding or material technology (often "Power" focused). * **R68:** The inductance value. "R" acts as a decimal point ($0.68 \mu H$). * **M:** Tolerance code ($M = \pm 20\%$). * **F:** Usually indicates "Lead-Free" or RoHS compliance. --- ## 3. Key Electronic Features ### A. Magnetic Shielding The part is a **Molded Inductor**. The coil is embedded in a metallic powder composite. This provides: * Excellent EMI (Electromagnetic Interference) shielding. * Reduced "buzz" noise (acoustic noise) compared to traditional ferrite core inductors. ### B. Soft Saturation Unlike traditional ferrite inductors that lose inductance sharply when current limits are reached, the metal alloy core of the L816PW series exhibits **soft saturation**. This means the inductance drops gradually, providing a safety margin in over-current scenarios. ### C. Low DCR The part uses thick copper wire, resulting in very low Direct Current Resistance (DCR). This minimizes power loss through heat, making it highly efficient for battery-powered devices. --- ## 4. Typical Applications * **Voltage Regulator Modules (VRM):** Used in CPU and GPU power supplies. * **DC-DC Converters:** Point-of-load (POL) converters in telecommunications. * **Automotive Electronics:** Infotainment systems and ADAS sensors. * **High-Current Power Supplies:** Laptop power rails and industrial controllers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating current for the L816PW-R68MF in a high-temperature environment?
    • ⤷ How does 'soft saturation' compare to 'hard saturation' in power inductor performance?
    • ⤷ What are the recommended PCB footprint dimensions for an 8x8mm molded inductor?