Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LA5511

  • AI
    ## LA5511: Low-Voltage DC Motor Speed Controller The **LA5511** is a monolithic integrated circuit (IC) designed primarily for governing the speed of small DC motors, commonly found in portable cassette recorders, radio-cassette players, and various battery-operated toys. --- ### 1. Key Features and Specifications The LA5511 is favored for its wide operating voltage range and high stability. | Feature | Specification / Value | | :--- | :--- | | **Operating Voltage ($V_{CC}$)** | 1.8V to 10V | | **Reference Voltage ($V_{ref}$)** | Typically 1.2V | | **Quiescent Current ($I_d$)** | Low (approx. 1.0mA) | | **Maximum Motor Current** | Up to 700mA | | **Package Type** | TO-126 or SIP-4 (Small Pin Count) | | **Operating Temperature** | -20°C to +80°C | --- ### 2. Functional Description The IC works by maintaining a constant motor speed despite variations in supply voltage or mechanical load. It achieves this through internal feedback mechanisms. #### Internal Blocks: * **Voltage Regulator:** Ensures stable internal reference voltage. * **Comparator/Error Amplifier:** Compares the feedback from the motor to the internal reference. * **Power Transistor:** A built-in driver capable of handling the current required by small DC motors. * **Temperature Compensation:** Minimizes speed drift caused by heat during operation. --- ### 3. Basic Application Circuit To use the LA5511, a few external components are required to set the speed and the "K-factor" (load compensation). ```text VCC (1.8V - 10V) | +-------+---------+ | | | [Motor] | (Pin 4) VCC | | | +-------|------(Pin 1) Motor Drive | | [R_ref] (Pin 3) Feedback/Adj | | +-------(Pin 2) GND ``` * **Speed Control:** A variable resistor (potentiometer) is typically connected to Pin 3 to adjust the target motor speed. * **Load Compensation:** The IC detects the Back-EMF of the motor to sense load increases and boosts current to maintain RPM. --- ### 4. Advantages & Disadvantages **Advantages:** * **Low Voltage Start:** Functions perfectly with two AA batteries (3V). * **Simplicity:** Requires very few external components, saving PCB space. * **Protection:** Includes thermal shutdown features to prevent burnout. **Disadvantages:** * **Limited Current:** Not suitable for high-torque or industrial-sized DC motors. * **Obsolescence:** As digital motor control (PWM) becomes cheaper, these linear ICs are becoming less common in modern designs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between LA5511 and LA5512?
    • ⤷ How do you calculate the resistor values for a specific motor RPM?
    • ⤷ Can the LA5511 be used with a 12V power supply?