Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LA5550

  • AI
    ## Technical Overview of the LA5550 IC The **LA5550** is a monolithic integrated circuit specifically designed for **electronic motor speed control**. It is primarily used in compact DC motors found in portable audio equipment, such as radio-cassette recorders and micro-cassette players. --- ### 1. Key Features and Specifications The LA5550 is known for its high efficiency and minimal external component requirements. | Feature | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 1.8V to 8.0V | | **Operating Current** | Low quiescent current (approx. 1.0mA) | | **Output Current** | Up to 400mA (continuous) | | **Reference Voltage** | Typ. 1.2V | | **Package Type** | SIP-4 (Single In-line Package) | --- ### 2. Functional Internal Blocks The internal circuitry of the LA5550 consists of several critical stages to ensure stable motor rotation: * **Reference Voltage Generator:** Maintains a stable internal voltage despite fluctuations in the battery level. * **Error Amplifier:** Compares the feedback from the motor's Back-Electromotive Force (Back-EMF) against the reference voltage. * **Current Limit Circuit:** Protects the IC and the motor from damage during stalls or start-up surges. * **Output Driver:** A power transistor stage that delivers the necessary current to drive the DC motor. --- ### 3. Application Circuit Components To function, the LA5550 typically requires a few external passive components to tune the speed and torque compensation: | Component | Function | | :--- | :--- | | **Rt (Timing Resistor)** | Sets the base speed of the motor. | | **Ct (Timing Capacitor)** | Used for noise filtering and stabilization. | | **K-Resistor** | Controls the torque compensation coefficient to maintain speed under load. | --- ### 4. Pin Configuration (SIP-4) The device is generally housed in a 4-pin plastic package: 1. **Vcc:** Power supply input. 2. **Control/Ref:** Connection for speed adjustment components. 3. **Motor (+):** Output terminal to the motor. 4. **GND:** Common ground. --- ### 5. Common Use Cases * **Walkmans / Portable Cassette Players:** Maintaining constant tape speed as battery voltage drops. * **Miniature Fans:** Controlling airflow velocity. * **Mechanical Toys:** Regulating movement speed for consistent play.
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or replacements for the LA5550?
    • ⤷ How do you calculate the resistor values for a specific motor speed?
    • ⤷ What is the maximum operating temperature for this IC?