Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LA5587

  • AI
    The **LA5587** is an integrated circuit (IC) primarily designed as a **compact DC motor speed controller** for low-voltage applications. It was commonly manufactured by Sanyo (now part of ON Semiconductor) and used extensively in portable audio equipment like cassette players and Walkmans. --- ## 1. Core Specifications The LA5587 is designed to maintain a constant motor speed despite fluctuations in battery voltage or mechanical load. | Parameter | Value | | :--- | :--- | | **Operating Voltage (Vcc)** | 1.8V to 8V | | **Quiescent Current** | ~1.5mA | | **Maximum Motor Current** | ~700mA | | **Operating Temperature** | -20°C to +80°C | | **Package Type** | Typically SIP-4 (Single In-line Package) | --- ## 2. Key Internal Components The IC integrates several electronic stages into a single silicon chip: 1. **Reference Voltage Generator:** Provides a stable voltage level to compare against the motor's Back EMF (Electromotive Force). 2. **Error Amplifier:** Compares the actual motor speed (represented by current/voltage feedback) with the target speed. 3. **Current Proportional Circuit:** Adjusts the drive current to compensate for torque variations. 4. **Output Transistor:** A power stage capable of driving the motor directly without external power transistors. --- ## 3. Pin Configuration (SIP-4) The device is streamlined for minimal external component count, typically using 4 pins: | Pin Number | Name | Description | | :---: | :--- | :--- | | 1 | **Vcc** | Positive power supply input. | | 2 | **Control** | Used for speed adjustment via an external resistor/potentiometer. | | 3 | **Motor** | Output terminal connected to the motor. | | 4 | **GND** | Ground/Common terminal. | --- ## 4. Typical Application Circuit To function, the LA5587 requires very few external parts. A basic implementation usually includes: * **A Potentiometer (VR):** Connected to the control pin to calibrate the motor RPM. * **Smoothing Capacitors:** To reduce electrical noise generated by the motor brushes. ```mermaid graph LR VCC --> LA5587 LA5587 --> Motor LA5587 --> Resistor/Pot Resistor/Pot --> GND Motor --> GND ``` --- ## 5. Main Advantages * **Low Voltage Operation:** Works efficiently on 2 or 3 battery cells (3V - 4.5V). * **High Stability:** Excellent regulation against temperature and load changes. * **Space Saving:** The SIP-4 package is very thin, ideal for compact handheld devices.
    ✨ Follow-up Questions
    • ⤷ What are the common replacement equivalents for the LA5587 IC?
    • ⤷ How do you calculate the resistor value for a specific RPM on this IC?
    • ⤷ Can the LA5587 be used to drive brushless DC motors?