Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LADLD30G-SH2-R

  • AI
    The **LADLD30G-SH2-R** is a specific low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies)**. It is designed to provide a stable, low-noise DC output voltage while maintaining a very small difference between input and output voltage. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for this specific part: | Parameter | Specification | | :--- | :--- | | **Type** | Low Dropout (LDO) Linear Regulator | | **Output Voltage** | Adjustable or Fixed (Commonly Fixed at 3.0V in this series) | | **Maximum Output Current** | 3.0A | | **Dropout Voltage** | ~0.5V @ 3A (Typical) | | **Input Voltage Range** | Up to 12V (Maximum Rating) | | **Package Type** | HSOP-8 (Standard surface mount with thermal pad) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the suffix nomenclature helps in identifying the exact variant: * **LADLD30**: The series name (Low Dropout Linear Regulator, 3.0A capacity). * **G**: Halogen-free and RoHS compliant. * **SH2**: Indicates the **HSOP-8** package style. * **R**: Denotes the packaging method (Tape & Reel). --- ### 3. Core Features * **High Current Delivery:** Unlike many standard LDOs that cap at 500mA or 1A, this part can deliver up to **3 Amperes**, making it suitable for high-power digital circuits. * **Protection Circuitry:** * **Current Limiting:** Protects the device during overloads. * **Thermal Shutdown:** Shuts the device off if it exceeds safe operating temperatures. * **Stability:** Optimized for use with low-ESR ceramic capacitors, reducing the overall PCB footprint. * **Enable Pin:** Includes an "On/Off" control pin to reduce power consumption when the device is in standby. --- ### 4. Typical Application Circuit When designing with the LADLD30G, a typical setup requires minimal external components: ```text Input Voltage (Vin) ----[ Cin 10uF ]----( VIN ) ( VOUT )----[ Cout 10uF ]---- Output Voltage ( EN ) ( ADJ ) | | Logic High Resistor Network (if Adj) ``` ### 5. Common Use Cases 1. **Microprocessor Power:** Providing clean power to CPUs and FPGAs. 2. **Post-Regulator:** Following a switching power supply to remove high-frequency noise. 3. **Battery Powered Equipment:** Maximizing battery life due to the low dropout voltage. 4. **Peripheral I/O:** Powering high-speed communication modules that require stable 3.0V/3.3V rails. ---
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance of the HSOP-8 package for this device?
    • ⤷ How does the dropout voltage vary with lower load currents?
    • ⤷ What are the recommended values for the input and output capacitors?