Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LC-R01

  • AI
    The **LC-R01** is a high-performance **LoRaWAN Gateway Module** based on the Semtech SX1302/SX1303 baseband chip. It is designed for industrial-grade Internet of Things (IoT) applications, offering long-range connectivity and high capacity. --- ### ## 1. Key Electronic Components The module integrates several critical electronic parts to manage radio frequency (RF) processing and digital data handling: | Component | Description | Function | | :--- | :--- | :--- | | **Semtech SX1302** | Digital Baseband Chip | The "brain" that handles LoRa modulation/demodulation. | | **SX1250** | RF Front-End Transceiver | Handles the conversion between radio waves and digital signals. | | **MCU/Processor** | Integrated Logic | Manages timing, protocol stacks, and interface communication. | | **LNA** | Low Noise Amplifier | Boosts weak incoming signals from long distances. | | **TCXO** | Temperature Compensated Crystal Oscillator | Ensures frequency stability across varying temperatures. | --- ### ## 2. Technical Specifications Below are the typical electronic performance metrics for the LC-R01: * **Frequency Bands:** 433MHz, 470MHz, 868MHz, 915MHz (Region dependent). * **Sensitivity:** Down to **-139 dBm**, allowing for extreme long-range reception. * **Output Power:** Maximum transmission power up to **27 dBm**. * **Channels:** Supports 8 concurrent LoRa channels. * **Interface:** Mini-PCIe or SPI (Serial Peripheral Interface). --- ### ## 3. Connectivity & Pinout The LC-R01 usually follows a **Mini-PCIe form factor**, but uses a proprietary or SPI-based pinout rather than standard laptop Wi-Fi protocols. ```markdown Pin Mapping (General SPI Example): 1. GND -> Ground 2. 3.3V -> Power Supply 3. MISO -> Master In Slave Out (Data) 4. MOSI -> Master Out Slave In (Data) 5. SCK -> Serial Clock 6. CSN -> Chip Select 7. RESET -> Module Reset ``` --- ### ## 4. Application Hardware Setup To build a gateway using the LC-R01, you typically combine it with: 1. **Host Controller:** Raspberry Pi, BeagleBone, or an Industrial PC. 2. **Antenna:** A 50-ohm SMA/IPEX antenna tuned to the specific LoRa frequency. 3. **Power Circuit:** A stable 3.3V DC power source (High peak currents are common during transmission).
    ✨ Follow-up Questions
    • ⤷ What is the difference between SX1301 and SX1302 chips used in these modules?
    • ⤷ How do I interface the LC-R01 with a Raspberry Pi?
    • ⤷ What is the maximum power consumption of the LC-R01 during peak transmission?