Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LC-R1233P

  • AI
    The **Panasonic LC-R1233P** is a high-performance, valve-regulated lead-acid (VRLA) battery. It is specifically designed for cycling applications and standby power systems. --- ### 1. Key Technical Specifications The following table highlights the primary electrical and physical characteristics: | Feature | Specification | | :--- | :--- | | **Nominal Voltage** | 12V | | **Nominal Capacity** | 33Ah (20-hour rate) | | **Chemistry** | Lead-Acid (AGM - Absorbent Glass Mat) | | **Terminal Type** | M5 Bolt and Nut (Threaded) | | **Dimensions** | 197mm x 130mm x 155mm (LxWxH) | | **Approximate Weight** | 11.5 kg (25.4 lbs) | | **Casing Material** | UL94 HB Flame Retardant ABS | --- ### 2. Electronic Characteristics and Charging Understanding the charging parameters is critical to preventing damage to the internal plates: #### Charging Voltage (at 25°C / 77°F) * **Cycle Use:** 14.5V to 14.9V * **Standby (Float) Use:** 13.6V to 13.8V * **Maximum Charging Current:** 13.2A (0.4C) #### Internal Resistance The battery features low internal resistance, typically around **7mΩ** when fully charged. This allows for high discharge currents and efficient recharging. --- ### 3. Key Electronic Components and Design Unlike active electronic circuits (ICs or transistors), the "parts" of the LC-R1233P are chemical and structural components that dictate its electrical behavior: 1. **AGM Separator:** A highly porous glass fiber mat that absorbs the electrolyte. This allows the battery to be used in any orientation without leaking. 2. **Lead-Calcium Grids:** The plates are made of a lead-calcium alloy which minimizes "gassing" and extends the shelf life by reducing the self-discharge rate. 3. **One-Way Safety Valve:** Also known as a "VRLA" design. If internal pressure builds up due to overcharging, the valve releases gas to prevent the casing from bursting. 4. **Pressure-Seal Construction:** The battery is hermetically sealed, meaning it requires no water topping throughout its service life. --- ### 4. Common Applications Due to its 33Ah capacity, this model is frequently found in: * **Uninterruptible Power Supplies (UPS):** Providing backup for servers. * **Medical Equipment:** Powering portable diagnostic machines. * **Renewable Energy:** Storage for small-scale solar or wind systems. * **Mobility:** Powering electric wheelchairs or scooters.
    ✨ Follow-up Questions
    • ⤷ What is the expected service life of the LC-R1233P in float standby mode?
    • ⤷ How does temperature affect the charging voltage of this battery?
    • ⤷ Can this battery be mounted sideways in a high-vibration environment?