Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LC1211CDN

  • AI
    The **LC1211CDN** is a high-performance, single-chip CMOS integrated circuit designed primarily for **LED display driving**. It is commonly used in electronic scales, instrument panels, and consumer appliances that require a digital interface to control LED segments. --- ## 1. Core Technical Specifications The device functions as a specialized LED driver with built-in memory and control logic. | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 4.5V to 5.5V | | **Interface Type** | 3-wire Serial Interface (CLK, STB, DIN) | | **Display Mode** | 11 segments × 7 bits to 14 segments × 4 bits | | **Internal Memory** | Built-in Display Data RAM | | **Key Scanning** | 10 × 3 matrix (30 keys total) | | **Package Type** | SOP28 / SSOP28 | --- ## 2. Key Electronic Components & Internal Blocks The LC1211CDN integrates several critical sub-circuits into one package to reduce the need for external components: ### A. Serial Interface Logic - **CLK (Clock):** Synchronizes data input. - **STB (Strobe):** Latches the data into the internal registers. - **DIN (Data In):** Receives 8-bit commands and display data. ### B. Segment/Grid Drive Circuits - The chip contains high-voltage/current drivers capable of sourcing and sinking current directly to LED segments without needing external transistors. - It utilizes a **multiplexing** technique to drive multiple digits using a limited number of pins. ### C. Key Scanning Circuit - It features an integrated keyboard controller that monitors a matrix of switches. When a key is pressed, the IC stores the key-value and can be read by the main MCU via the serial bus. ### D. Dimming Control - The IC includes an internal 8-step dimming circuit, allowing the brightness of the LED display to be adjusted through software commands rather than hardware PWM. --- ## 3. Typical Application Schematic Overview When designing with the LC1211CDN, the following peripheral components are usually required: ```c // Pseudo-code for MCU communication with LC1211 void Send_Command(unsigned char cmd) { STB = 0; // Start communication ShiftOut(DIN, CLK, cmd); STB = 1; // End communication } ``` * **Decoupling Capacitor:** A 0.1µF ceramic capacitor should be placed close to the VDD and GND pins to filter high-frequency noise. * **Pull-up Resistors:** Depending on the MCU used, pull-up resistors (typically 10kΩ) may be needed on the serial lines (CLK, STB, DIN). * **Current Limiting:** While the IC handles most of the driving, the internal resistance determines the peak current per segment. --- ## 4. Pin Function Summary | Pin Type | Name | Description | | :--- | :--- | :--- | | **Power** | VDD / VSS | Power supply (5V) and Ground. | | **Control** | STB / CLK / DIN | Serial communication bus pins. | | **Output** | SEG1 - SEGn | Segment output pins (anode). | | **Common** | GRID1 - GRIDn | Grid output pins (cathode). | | **Input** | K1 - K3 | Key data input pins. | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current output per segment for the LC1211CDN?
    • ⤷ How does the LC1211CDN compare to the TM1637 LED driver?
    • ⤷ Can the LC1211CDN be controlled using an Arduino or ESP32?