Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LC2-121-R

  • AI
    The **LC2-121-R** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules. It belongs to the **LC2 series**, which is characterized by its low-profile design and high current-handling capabilities. --- ### 1. Key Technical Specifications Below are the typical parameters for the LC2-121-R: | Parameter | Value/Specification | | :--- | :--- | | **Inductance** | 120 nH (0.12 µH) | | **Tolerance** | ±10% or ±20% (depending on specific batch) | | **DC Resistance (DCR)** | Extremely Low (typically < 0.5 mΩ) | | **Saturation Current ($I_{sat}$)** | Very High (often > 50A) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Construction The "R" suffix often indicates compliance with RoHS standards or a specific reel packaging. * **Core Material:** Usually a ferrite or iron powder core designed for high-frequency stability. * **Shielding:** These inductors are typically **shielded**, meaning they have minimal electromagnetic interference (EMI) leakage, making them suitable for densely packed circuit boards. * **Terminations:** Large solder pads to handle high current density and provide mechanical stability against vibration. --- ### 3. Functional Roles In an electronic circuit, the LC2-121-R serves the following primary functions: 1. **Energy Storage:** In switching power supplies, it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out high-frequency ripples in the output voltage. 3. **Phase Coupling:** Used in multi-phase Buck converters (common in CPU/GPU power stages) to balance current across different power phases. --- ### 4. Typical Applications * **Computing:** Graphics cards (GPUs), high-end Motherboards, and Servers. * **Telecommunications:** Base stations and networking switches. * **Voltage Regulator Modules (VRM):** Converting 12V inputs to low-voltage, high-current outputs (e.g., 0.8V - 1.2V). --- ### Example Schematic Implementation When using this part in a simulation or design software, it is represented as follows: ```spice * Simple Buck Converter Output Filter L1 Output_Node Filter_Node 120nH C1 Filter_Node GND 470uF ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the LC2-121-R?
    • ⤷ How does the saturation current affect the performance of this inductor in a VRM?
    • ⤷ What is the physical footprint size (package dimensions) of the LC2 series?