Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LC2-151-R/Q

  • AI
    The **LC2-151-R** and **LC2-151-Q** are high-power, surface-mount (SMD) power inductors manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. These components are part of the **LC2 series**, specifically designed for high-current applications. --- ### 1. Technical Specifications Below are the typical electrical characteristics for the 151 (150µH) variant: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 150 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.190 - 0.220 Ω (Max) | | **Rated Current (Irms)** | ~2.0 - 2.5 Amps | | **Saturation Current (Isat)** | ~1.8 - 2.2 Amps | | **Operating Temperature** | -40°C to +125°C | | **Core Material** | Powdered Iron / Ferrite Hybrid | --- ### 2. Suffix Definitions (R vs. Q) The letters at the end of the part number signify specific manufacturing or compliance standards: * **-R**: Indicates **RoHS Compliance**. This is the standard lead-free version of the component. * **-Q**: Indicates **Automotive Grade**. This usually means the part is **AEC-Q200 qualified**, signifying it has undergone more rigorous stress testing for vibration, thermal shock, and reliability in automotive environments. --- ### 3. Key Electronic Features * **High Power Density:** Designed to handle significant current in a relatively small footprint. * **Magnetically Shielded:** The construction minimizes Electromagnetic Interference (EMI), which is critical for sensitive surrounding circuits. * **Low Core Loss:** Optimized for high-frequency switching, reducing energy wasted as heat. * **High Temperature Stability:** Maintains stable inductance values even under high thermal loads. --- ### 4. Common Applications These inductors are primarily used for energy storage and filtering in the following circuits: 1. **DC-DC Converters:** Buck, Boost, and SEPIC topologies. 2. **Power Supplies:** Used in distributed power systems and VRM (Voltage Regulator Modules). 3. **Automotive Systems:** (Specifically for the -Q version) Infotainment, LED lighting, and engine control units. 4. **Industrial Electronics:** Motor drives and battery chargers. --- ### 5. Footprint (Mechanical Data) The LC2 series usually follows a standard high-profile SMD footprint. You must ensure the PCB pad layout accounts for the heavy-gauge wire leads typically found on these high-current parts to ensure mechanical stability.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension (LxWxH) of the LC2-151 series?
    • ⤷ How does the saturation current (Isat) of the 150µH model compare to lower inductance values in the same series?
    • ⤷ Can the -Q version be used in non-automotive applications?